Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPA005 Datasheet(PDF) 2 Page - Texas Instruments

Part # SLPA005
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLPA005 Datasheet(HTML) 2 Page - Texas Instruments

  SLPA005 Datasheet HTML 1Page - Texas Instruments SLPA005 Datasheet HTML 2Page - Texas Instruments SLPA005 Datasheet HTML 3Page - Texas Instruments SLPA005 Datasheet HTML 4Page - Texas Instruments SLPA005 Datasheet HTML 5Page - Texas Instruments SLPA005 Datasheet HTML 6Page - Texas Instruments SLPA005 Datasheet HTML 7Page - Texas Instruments SLPA005 Datasheet HTML 8Page - Texas Instruments SLPA005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LS Gate
13
4
3
2
VGG DIS
FLT
SRE Mode
SRE
10
PWM
12
AGND
11
9
RDLY
19
HS Gate
20
SW
18
BST
8
7
15
17
14
CSP
CSN
VGG
PGND
1
HS Sense
Thermal
Sense
BP3
5
IMON
6
ILIM
Bias + V
GG
Generator
16
Vin
Digital Control
UVLO
Blanking
Control
G = 50
UCD7232
0.5 V
HS Fault
OC Fault
TSD
PP
PAD
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONTINUED)
An on-chip temperature sense monitors the die temperature. If it exceeds approximately 165
°C, the temperature
sensor will initiate a thermal shutdown that halts output switching and sets the FLT flag. The temperature fault
automatically clears when the die temperatures falls by approximately 20
°.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. UCD7232 Block Diagram
2
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com