Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPA005 Datasheet(PDF) 3 Page - Texas Instruments

Part # SLPA005
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLPA005 Datasheet(HTML) 3 Page - Texas Instruments

  SLPA005 Datasheet HTML 1Page - Texas Instruments SLPA005 Datasheet HTML 2Page - Texas Instruments SLPA005 Datasheet HTML 3Page - Texas Instruments SLPA005 Datasheet HTML 4Page - Texas Instruments SLPA005 Datasheet HTML 5Page - Texas Instruments SLPA005 Datasheet HTML 6Page - Texas Instruments SLPA005 Datasheet HTML 7Page - Texas Instruments SLPA005 Datasheet HTML 8Page - Texas Instruments SLPA005 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Vin
From
Controller
To
Controller
V
out
GND
16
1
18
19
20
17
15
14
8
7
12
10
4
2
6
11
3
9
5
13
HS Sense
BST
HS Gate
SW
V
GG
LS Gate
PGND
CSP
CSN
AGND
Vin
V
GG
DIS
SRE Mode
RDLY
ILIM
BP3
I
MON
FLT
SRE
PWM
UCD7232
PP
PAD
UCD7232
(QFN - RTJ)
(4x4, 0.50)
1
2
3
4
5
15
14
13
12
11
6
7
8
9
10
20
19
18
17
16
HS Sense
FLT
SRE Mode
SRE
ILIM
LS Gate
PGND
V
GG DIS
AGND
RDLY
UCD7232
www.ti.com
SLUSAH3
– MAY 2011
SIMPLIFIED APPLICATION DIAGRAM
Figure 2. Typical Synchronous Buck Power Stage
CONNECTION DIAGRAM
ORDERING INFORMATION
TEMPERATURE RANGE
PACKAGE
TAPE AND REEL QTY
PART NUMBER
250
UCD7232RTJT
–40°C to +125°C
Plastic QFN-20 (RTJ)
2500
UCD7232RTJR
Copyright
© 2011, Texas Instruments Incorporated
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com