Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLPA005 Datasheet(PDF) 12 Page - Texas Instruments

Part # SLPA005
Description  Digital Control Compatible Synchronous-Buck Gate Driver With Current Sense and Fault Protection
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

SLPA005 Datasheet(HTML) 12 Page - Texas Instruments

Back Button SLPA005 Datasheet HTML 8Page - Texas Instruments SLPA005 Datasheet HTML 9Page - Texas Instruments SLPA005 Datasheet HTML 10Page - Texas Instruments SLPA005 Datasheet HTML 11Page - Texas Instruments SLPA005 Datasheet HTML 12Page - Texas Instruments SLPA005 Datasheet HTML 13Page - Texas Instruments SLPA005 Datasheet HTML 14Page - Texas Instruments SLPA005 Datasheet HTML 15Page - Texas Instruments SLPA005 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
DCR
L
R1
C
Vout
CSN
CSP
SW
R2
2.49 kW
2.49 kW
OUT
LOAD
R2
V(I
) = 0.5 + 47.8
DCR
I
R1 + R2
æ
ö
´
´
´ ç
÷
è
ø
UCD7232
SLUSAH3
– MAY 2011
www.ti.com
Figure 4. Attenuating the DCR Sense Signal
The amount of attenuation is equal to R2/(R1 + R2). The equivalent resistance value to use in the L/DCR = RC
formula is the parallel combination of R1 and R2. Thus, when using the circuit of Figure 4,
L/DCR = C
× R1 × R2/(R1 + R2)
(3)
IMON
The IMON signal is a voltage proportional to the output current delivered by the power stage. The voltage
magnitude obeys the following equation when using the circuit of Figure 3. This equation takes into account the
gain reduction caused by the series 2.49k resistors.
V(IOUT) = 0.5 + 47.8 × DCR × ILOAD
(4)
If the calculated value of V(IMON) exceeds the range of the analog-to-digital converter (ADC) or, if used, the
maximum fault comparator threshold limit of a controller monitoring this voltage, then the circuit of Figure 4
should be used. When using the circuit of Figure 4, the voltage on IMON obeys this modified equation:
(5)
In either case, the output voltage is 500mV at no load. Current that is sourced to the load causes the IMON
voltage to rise above 500mV. Current that is forced into the power stage (sinking current) is considered
“negative” current and will cause the IMON voltage to fall below 500mV. The usable dynamic range of the IMON
signal is approximately 100mV to 3.1V. Keep in mind that this signal swing could exceed not just the maximum
range of an analog to digital converter (ADC) that may be used to read or monitor the IMON signal, but also the
maximum programmable limit for the fault OC threshold. For example, the UCD92xx family of digital controllers
has maximum limit of 2.5V for the ADC converter and 2.0V for the fault OC threshold, even though the input pin
can tolerate voltages up to 3.3V.
The IMON voltage is internally fed to the non-inverting input of the output over-current fault comparator. Good
practice dictates that the over-current threshold should be set at approximately 150% of the rated power stage
output current plus one half of the peak-to-peak inductor ripple current. This mandates that the IMON signal should
remain within its linear dynamic range at this threshold load current level. This requirement may force the use of
the attenuation circuit of Figure 4. Note that the IMON voltage (that goes to the output over-current fault
comparator) is held during the blanking interval set by the resistor on the RDLY pin. This means that the IMON pin
will not reflect output current changes during the blanking interval, and that a fault will not be flagged until the
blanking interval terminates.
ILIM
The ILIM pin feeds the inverting input of the output over-current fault comparator. The voltage applied to this pin
sets the over-current fault threshold. When the voltage on the IMON pin exceeds the voltage on this pin, a fault is
flagged. The voltage on this pin can be set by a voltage divider, a DAC, or by a filtered PWM output. The usable
voltage range of the ILIM pin is approximately 0.6V to 3.1V. This represents the linear range of the IMON signal for
sourced output current. When using a voltage divider to set the threshold, a (0.01
µF) capacitor to BP3 can be
added to improve noise immunity.
12
Copyright
© 2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com