Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1T70-D540F Datasheet(PDF) 2 Page - STMicroelectronics

Part # GS1T70-D540F
Description  ISDN DC-DC CONVERTER FRENCH VERSION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540F Datasheet(HTML) 2 Page - STMicroelectronics

  GS1T70-D540F Datasheet HTML 1Page - STMicroelectronics GS1T70-D540F Datasheet HTML 2Page - STMicroelectronics GS1T70-D540F Datasheet HTML 3Page - STMicroelectronics GS1T70-D540F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tamb =25
°C unless otherwise specified)
Std. Conditions:
Line Termination voltage: 90 to 110V
Line Resistance (Rs):
50 to 1400
Ω
105 to 115V
500 to 1900
Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Std. Conditions
25
115
V
Vipk
Input Transient
Overvoltage
t = 1.2/250
µs (pulse)
1kV
Vist
Start Up Input
Voltage
See fig. 2
28
44
V
Viuv
Input Undervoltage
Lockout
10
V
Vo1
Output Voltage 1
Std. Conditions
4.75
5
5.25
V
Vo2
Output Voltage 2
Std. Conditions
34
40
42
V
Vor1
Output Ripple
Voltage 1
Std. Conditions
BW = 0 to 20MHz
5
20
mVpp
Vor2
Output Ripple
Voltage 2
Std. Conditions
BW = 0 to 20MHz
10
30
mVpp
eN
Input Noise Voltage
Std. Conditions
BW = 0 to 20MHz
10
30
mVpp
Io1
Output Current 1
Std. Conditions
Io2 = 0 to 10.5 mA Vo1 =5V
290
mA
Io1I
Output Current 1
Limit Initiation
Std. Conditions
Vo1 = 4.75 to 5.25V
110
130
mA
Io2
Output Current 2
Std. Conditions
Io1 = 2 to 90 mA Vo2 = 40V
0
10.5
mA
Iosc2
Output 2 Short
Circuit Current
Std. Conditions
Output Shorted (Indefinite time)
914
mA
Vis
Isolation Voltage
(pulse)
Input to Output 1 t = 1.2/50
µs
Input to Output 2 t = 1.2/50
µs
Output 1 to Output 2 t = 1.2/50
µs
10000
10000
4000
VRMS
Top
Operating Ambient
Temperature Range
0
+75
°C
Tstg
Storage
Temperature Range
– 40
+85
°C
2/4
LT (Line Termination Voltage) = 90V to 110V
Rs (Line Resistance) = 50 to 1400
Ω
LT (Line Termination Voltage) = 105V to 115V
Rs (Line Resistance) = 500 to 1900
Ω
Max
Input
Power
(mW)
NT Status
Min
Output
Power 1
(5V)[mW]
Min
Output
Power 2
(40V)[mW]
Max
Input
Power
(mW)
NT Status
Min
Output
Power 1
(5V)[mW]
Min
Output
Power 2
(40V)[mW]
600
Activated
420
0
600
Activated
420
0
1150
Activated Emergency
450
420
1150
Activated Emergency
450
420
200
Deactivated
110
0
200
Deactivated
110
0
270
Deactivated Emergency
110
60
270
Deactivated Emergency
110
60
1150
Activated with 40 V
Short circuit
450
Short
circuit
1150
Activated with 40V
Short circuit
450
Short
circuit
OUTPUT POWER CHARACTERISTICS
GS1T70-D540F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com