Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1T70-D540F Datasheet(PDF) 4 Page - STMicroelectronics

Part # GS1T70-D540F
Description  ISDN DC-DC CONVERTER FRENCH VERSION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540F Datasheet(HTML) 4 Page - STMicroelectronics

  GS1T70-D540F Datasheet HTML 1Page - STMicroelectronics GS1T70-D540F Datasheet HTML 2Page - STMicroelectronics GS1T70-D540F Datasheet HTML 3Page - STMicroelectronics GS1T70-D540F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4/4
VOLTAGE SUPPLY OPERATING AREA
Figure 2 shows the Voltage Supply Operating area
during the switch ON-OFF and OFF-ON sequence.
- Switch ON-OFF sequence:
For an Input Voltage Vi > 25V, the circuit operates
correctly, because it lies in the Voltage Supply
Operating Area.
The converter goes in High Input Impedance mode
(Iq <10
µA) when the Vi is lower than 10V. If Vi
remains between 0 -10V range for almost for almost
100 ms, the converter is in OFF condition.
- Switch OFF-ON sequence:
The quiescent current Iq remains below 10
µAif Vi
is lower than 18V.
The start-up voltage is between 34 to 44V. After 1
ms in this condition, the converter is in Voltage
Supply Operating Area (Vin = 25 to 115V).
115V
25V
0V
10V
44V
t>1mS
t>100mS
18V
Voltage Supply
Operating Area
Voltage
Supply
Operating
Area
Iq < 10
µA Area
Iq < 10
µA Area
Vi
t
34V
Figure 2.
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsibility for the
consequences of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No
license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specification mentioned
in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied.
SGS-THOMSON Microelectronics products are not authorized for use as critical components in life support devices or systems without express
written approval of SGS-THOMSON Microelectronics.
© 1994 SGS-THOMSON Microelectronics – All Rights Reserved
SGS-THOMSON Microelectronics GROUP OF COMPANIES
Australia - Brazil - China - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands -
Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A.
GS1T70-D540F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com