Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1T70-D540F Datasheet(PDF) 3 Page - STMicroelectronics

Part # GS1T70-D540F
Description  ISDN DC-DC CONVERTER FRENCH VERSION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS1T70-D540F Datasheet(HTML) 3 Page - STMicroelectronics

  GS1T70-D540F Datasheet HTML 1Page - STMicroelectronics GS1T70-D540F Datasheet HTML 2Page - STMicroelectronics GS1T70-D540F Datasheet HTML 3Page - STMicroelectronics GS1T70-D540F Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3/4
Package V. Dimensions in mm (inches).
CONNECTION DIAGRAM AND MECHANICAL DATA
Figure 1.
PIN DESCRIPTION
Pin
Description
1
Input (either polarity).
2
Input (either polarity).
3
+5V Output.
4
Return for +5V Output.
5
+40V Output.
6
Return for +40V Output.
GS1T70-D540F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com