Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360-/P Datasheet(PDF) 21 Page - Microchip Technology

Part # HCS360-/P
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360-/P Datasheet(HTML) 21 Page - Microchip Technology

Back Button HCS360-/P Datasheet HTML 17Page - Microchip Technology HCS360-/P Datasheet HTML 18Page - Microchip Technology HCS360-/P Datasheet HTML 19Page - Microchip Technology HCS360-/P Datasheet HTML 20Page - Microchip Technology HCS360-/P Datasheet HTML 21Page - Microchip Technology HCS360-/P Datasheet HTML 22Page - Microchip Technology HCS360-/P Datasheet HTML 23Page - Microchip Technology HCS360-/P Datasheet HTML 24Page - Microchip Technology HCS360-/P Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
 2001 Microchip Technology Inc.
DS40152D-page 21
HCS360
TABLE 8-4:
CODE WORD TRANSMISSION TIMING PARAMETERS—PWM MODE
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
°C to +70°C
Industrial (I):Tamb = -40
°C to +85°C
Code Words Transmitted
FAST1 = 0,
FAST0 = 0
FAST1 = 0,
FAST0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of TE
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
260
400
620
1
130
200
310
µs
TBP
PWM bit pulse width
3
780
1200
1860
3
390
600
930
µs
TP
Preamble duration
32
8.3
12.8
19.8
32
4.2
6.4
9.9
ms
TH
Header duration
10
2.6
4.0
6.2
10
1.3
2.0
3.1
ms
THOP
Hopping code duration
96
25.0
38.4
59.5
96
12.5
19.2
29.8
ms
TFIX
Fixed code duration
105
27.3
42.0
65.1
105
13.7
21.0
32.6
ms
TG
Guard Time (LNGRD = 0)
16
4.2
6.4
9.9
32
4.2
6.4
9.9
ms
—
Total transmit time
259
67.3
103.6 160.6
275
35.8
55.0
85.3
ms
—
PWM data rate
—
1282
833
538
—
2564
1667
1075
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.
VDD = +2.0V to 6.6V
Commercial (C):Tamb = 0
°C to +70°C
Industrial (I):Tamb = -40
°C to +85°C
Code Words Transmitted
FAST1 = 1,
FAST0 = 0
FAST1 = 1,
FAST0 = 1
Symbol
Characteristic
Number
of TE
Min.
Typ.
Max.
Number
of Te
Min.
Typ.
Max.
Units
TE
Basic pulse element
1
130
200
310
1
65
100
155
µs
TBP
PWM bit pulse width
3
390
600
930
3
195
300
465
µs
TP
Preamble duration
32
4.2
6.4
9.9
32
2.1
3.2
5.0
ms
TH
Header duration
10
1.3
2.0
3.1
10
0.7
1.0
1.6
ms
THOP
Hopping code duration
96
12.5
19.2
29.8
96
6.2
9.6
14.9
ms
TFIX
Fixed code duration
105
13.7
21.0
32.6
105
6.8
10.5
16.3
ms
TG
Guard Time (LNGRD = 0)
32
4.2
6.4
9.9
64
4.2
6.4
9.9
ms
—
Total transmit time
275
35.8
55.0
85.3
307
20.0
30.7
47.6
ms
—
PWM data rate
—
2564
1667
1075
—
5128
3333
2151
bps
Note:
The timing parameters are not tested but derived from the oscillator clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com