Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360-/P Datasheet(PDF) 4 Page - Microchip Technology

Part # HCS360-/P
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360-/P Datasheet(HTML) 4 Page - Microchip Technology

  HCS360-/P Datasheet HTML 1Page - Microchip Technology HCS360-/P Datasheet HTML 2Page - Microchip Technology HCS360-/P Datasheet HTML 3Page - Microchip Technology HCS360-/P Datasheet HTML 4Page - Microchip Technology HCS360-/P Datasheet HTML 5Page - Microchip Technology HCS360-/P Datasheet HTML 6Page - Microchip Technology HCS360-/P Datasheet HTML 7Page - Microchip Technology HCS360-/P Datasheet HTML 8Page - Microchip Technology HCS360-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
HCS360
DS40152D-page 4
 2001 Microchip Technology Inc.
2.0
DEVICE OPERATION
As shown in the typical application circuits (Figure 2-1),
the HCS360 is a simple device to use. It requires only
the addition of buttons and RF circuitry for use as the
transmitter in your security application. A description of
each pin is described in Table 2-1.
FIGURE 2-1:
TYPICAL CIRCUITS
TABLE 2-1:
PIN DESCRIPTIONS
The high security level of the HCS360 is based on the
patented KEELOQ technology. A block cipher type of
encryption algorithm based on a block length of 32 bits
and a key length of 64 bits is used. The algorithm
obscures the information in such a way that even if the
transmission information (before coding) differs by only
one bit from the information in the previous transmis-
sion, the next coded transmission will be totally differ-
ent. Statistically, if only one bit in the 32-bit string of
information changes, approximately 50 percent of the
coded transmission will change. The HCS360 will wake
up upon detecting a switch closure and then delay
approximately 6.5 ms for switch debounce (Figure 2-
2). The synchronization information, fixed information,
and switch information will be encrypted to form the
hopping code. The encrypted or hopping code portion
of the transmission will change every time a button is
pressed, even if the same button is pushed again.
Keeping a button pressed for a long time will result in
the same code word being transmitted until the button
is released or time-out occurs. A code that has been
transmitted will not occur again for more than 64K
transmissions. This will provide more than 18 years of
typical use before a code is repeated based on 10
operations per day. Overflow information programmed
into the encoder can be used by the decoder to extend
the number of unique transmissions to more than
128K.
If, in the transmit process, it is detected that a new but-
ton(s) has been pressed, a reset will immediately be
forced and the code word will not be completed. Please
note that buttons removed will not have any effect on
the code word unless no buttons remain pressed in
which case the current code word will be completed
and the power down will occur.
Name
Pin
Number
Description
S0
1
Switch input 0
S1
2
Switch input 1
S2
3
Switch input 2/Can also be clock
pin when in programming mode
S3
4
Switch input 3/Clock pin when in
programming mode
VSS
5
Ground reference connection
PWM
6
Pulse width modulation (PWM)
output pin/Data pin for
programming mode
LED
7
Cathode connection for directly
driving LED during transmission
VDD
8
Positive supply voltage
connection
VDD
B0
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
2 button remote control
B1
VDD
Tx out
S0
S1
S2
S3
LED
VDD
PWM
VSS
5 button remote control (Note)
B4 B3 B2 B1 B0
Note:
Up to 15 functions can be implemented by
pressing more than one button simulta-
neously or by using a suitable diode array.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com