Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS360-/P Datasheet(PDF) 5 Page - Microchip Technology

Part # HCS360-/P
Description  KEELOQ짰 Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS360-/P Datasheet(HTML) 5 Page - Microchip Technology

  HCS360-/P Datasheet HTML 1Page - Microchip Technology HCS360-/P Datasheet HTML 2Page - Microchip Technology HCS360-/P Datasheet HTML 3Page - Microchip Technology HCS360-/P Datasheet HTML 4Page - Microchip Technology HCS360-/P Datasheet HTML 5Page - Microchip Technology HCS360-/P Datasheet HTML 6Page - Microchip Technology HCS360-/P Datasheet HTML 7Page - Microchip Technology HCS360-/P Datasheet HTML 8Page - Microchip Technology HCS360-/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
 2001 Microchip Technology Inc.
DS40152D-page 5
HCS360
FIGURE 2-2:
ENCODER OPERATION
3.0
EEPROM MEMORY
ORGANIZATION
The HCS360 contains 192 bits (12 x 16-bit words) of
EEPROM memory (Table 3-1). This EEPROM array is
used
to
store
the
encryption
key
information,
synchronization value, etc. Further descriptions of the
memory array is given in the following sections.
TABLE 3-1:
EEPROM MEMORY MAP
3.1
Key_0 - Key_3 (64-Bit Encryption Key)
The 64-bit encryption key is used by the transmitter to
create the encrypted message transmitted to the
receiver. This key is created and programmed at the
time of production using a key generation algorithm.
Inputs to the key generation algorithm are the serial
number for the particular transmitter being used and a
secret manufacturer’s code. While the key generation
algorithm supplied from Microchip is the typical method
used, a user may elect to create their own method of
key generation. This may be done providing that the
decoder is programmed with the same means of creat-
ing the key for decryption purposes. If a seed is used,
the seed will also form part of the input to the key gen-
eration algorithm.
Power Up
Reset and Debounce Delay
(6.5 ms)
Sample Inputs
Update Sync Info
Encrypt With
Load Transmit Register
Buttons
Added
?
All
Buttons
Released
?
(A button has been pressed)
Transmit
Stop
No
Yes
No
Yes
Encryption Key
Complete Code
Word Transmission
WORD
ADDRESS
MNEMONIC
DESCRIPTION
0
KEY_0
64-bit encryption
key (word 0)
1
KEY_1
64-bit encryption
key (word 1)
2
KEY_2
64-bit encryption
key (word 2)
3
KEY_3
64-bit encryption
key (word 3)
4
SYNC_A
16-bit
synchroniza-
tion value
5
SYNC_B/SEED_2 16-bit
synchroniza-
tion or seed value
(word 2)
6
RESERVED
Set to 0000H
7
SEED_0
Seed Value (word 0)
8
SEED_1
Seed Value (word 1)
7
SER_0
Device Serial
Number (word 0)
10
SER_1
Device Serial
Number (word 1)
11
CONFIG
Configuration Word



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com