Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120CT Datasheet(PDF) 4 Page - STMicroelectronics

Part # STPS30120CT
Description   120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120CT Datasheet(HTML) 4 Page - STMicroelectronics

  STPS30120CT Datasheet HTML 1Page - STMicroelectronics STPS30120CT Datasheet HTML 2Page - STMicroelectronics STPS30120CT Datasheet HTML 3Page - STMicroelectronics STPS30120CT Datasheet HTML 4Page - STMicroelectronics STPS30120CT Datasheet HTML 5Page - STMicroelectronics STPS30120CT Datasheet HTML 6Page - STMicroelectronics STPS30120CT Datasheet HTML 7Page - STMicroelectronics STPS30120CT Datasheet HTML 8Page - STMicroelectronics STPS30120CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Figure 5. Reverse leakage current versus reverse voltage
applied (typical values, per diode)
1.E- 05
1.E- 04
1.E- 03
1.E- 02
1.E- 01
1.E+ 00
1.E+ 01
1.E+ 02
0
10
20
30
40
50
60
70
80
90
100
110
120
I (mA)
R
VR(V)
T =125°C
j
T =25°C
j
T =50°C
j
T =75°C
j
T =100°C
j
T =150°C
j
Figure 6. Junction capacitance versus reverse voltage
applied (typical values, per diode)
10
100
1000
1
10
100
C (pF)
V (V)
R
F= 1MHz
V
=30mV
T = 25°C
OSC
RMS
j
Figure 7. Forward voltage drop versus forward current (per diode)
1
10
100
0.0
0 .2
0.4
0 .6
0.8
1 .0
1.2
1 .4
1.6
IF(A)
V (V)
F
T= 25°C
(maximum values)
j
T= 125°C
(maximum values)
j
T= 125°C
(typical values)
j
STPS30120C
Characteristics (curves)
DS4230 - Rev 5
page 4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com