Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120CT Datasheet (PDF) - STMicroelectronics

STPS30120CT Datasheet PDF - STMicroelectronics
Part # STPS30120CT
Download  STPS30120CT Download
File Size   211.7 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description  120 V power Schottky rectifier

STPS30120CT Datasheet (PDF)

Go To PDF Page Download Datasheet
STPS30120CT Datasheet PDF - STMicroelectronics

Part # STPS30120CT
Download  STPS30120CT Click to download

File Size   211.7 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description  120 V power Schottky rectifier

STPS30120CT Datasheet (HTML) - STMicroelectronics


STPS30120CT Product details

Features
• High junction temperature capability
• Avalanche rated
• Low leakage current
• Good trade-off between leakage current and forward voltage drop
• ECOPACK® 2 compliant




Similar Part No. - STPS30120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30120CT STMICROELECTRONICS-STPS30120CT Datasheet
117Kb / 8P
Power Schottky rectifier
17-Feb-2010
More results


Similar Description - STPS30120CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR12045 MICROSEMI-SBR12045 Datasheet
138Kb / 2P
120 AMP SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100 Datasheet
93Kb / 2P
120 A / 100 V Schottky Rectifier
logo
Microsemi Corporation
HS12230 MICROSEMI-HS12230 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
logo
Vishay Siliconix
120NQ045PBF VISHAY-120NQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 120 A
06-May-08
121NQ045PBF VISHAY-121NQ045PBF Datasheet
112Kb / 6P
Schottky Rectifier, 120 A
25-Apr-08
123NQ100PBF VISHAY-123NQ100PBF Datasheet
116Kb / 6P
Schottky Rectifier, 120 A
28-Apr-08
125NQ015PBF VISHAY-125NQ015PBF Datasheet
111Kb / 6P
Schottky Rectifier, 120 A
06-May-08
logo
Microsemi Corporation
HS12035 MICROSEMI-HS12035_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
logo
STMicroelectronics
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com