Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPS30120CT Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPS30120CT
Description   120 V power Schottky rectifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30120CT Datasheet(HTML) 1 Page - STMicroelectronics

  STPS30120CT Datasheet HTML 1Page - STMicroelectronics STPS30120CT Datasheet HTML 2Page - STMicroelectronics STPS30120CT Datasheet HTML 3Page - STMicroelectronics STPS30120CT Datasheet HTML 4Page - STMicroelectronics STPS30120CT Datasheet HTML 5Page - STMicroelectronics STPS30120CT Datasheet HTML 6Page - STMicroelectronics STPS30120CT Datasheet HTML 7Page - STMicroelectronics STPS30120CT Datasheet HTML 8Page - STMicroelectronics STPS30120CT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
A1
K
A2
TO-220AB
narrow leads
K
A2
A1
A1
K
A2
TO-220AB
K
K
Features
•
High junction temperature capability
•
Avalanche rated
•
Low leakage current
•
Good trade-off between leakage current and forward voltage drop
•
ECOPACK®2 compliant
Applications
•
Switching diode
•
SMPS
•
DC/DC converter
•
LED lighting
Description
Dual center tap Schottky rectifier suited for high frequency switch mode power
supply.
Packaged in TO-220AB and TO-220AB narrow leads, the STPS30120C is optimized
for use in notebook adaptors, LCD adaptors and desktop SMPS, providing in these
applications a margin between the remaining voltages applied on the diode and the
voltage capability of the diode.
Product status link
STPS30120C
Product summary
Symbol
Value
IF(AV)
2 x 15 A
VRRM
120 V
Tj (max.)
175 °C
VF (typ.)
0.70 V
120 V power Schottky rectifier
STPS30120C
Datasheet
DS4230 - Rev 5 - June 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPS30120CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS30120CT STMICROELECTRONICS-STPS30120CT Datasheet
117Kb / 8P
Power Schottky rectifier
17-Feb-2010
More results

Similar Description - STPS30120CT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SBR12045 MICROSEMI-SBR12045 Datasheet
138Kb / 2P
120 AMP SCHOTTKY RECTIFIER
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100 Datasheet
93Kb / 2P
120 A / 100 V Schottky Rectifier
logo
Microsemi Corporation
HS12230 MICROSEMI-HS12230 Datasheet
131Kb / 2P
120 AMP SCHOTTKY RECTIFIER
logo
Vishay Siliconix
120NQ045PBF VISHAY-120NQ045PBF Datasheet
118Kb / 6P
Schottky Rectifier, 120 A
06-May-08
121NQ045PBF VISHAY-121NQ045PBF Datasheet
112Kb / 6P
Schottky Rectifier, 120 A
25-Apr-08
123NQ100PBF VISHAY-123NQ100PBF Datasheet
116Kb / 6P
Schottky Rectifier, 120 A
28-Apr-08
125NQ015PBF VISHAY-125NQ015PBF Datasheet
111Kb / 6P
Schottky Rectifier, 120 A
06-May-08
logo
Microsemi Corporation
HS12035 MICROSEMI-HS12035_11 Datasheet
117Kb / 2P
120 Amp Schottky Rectifier
logo
STMicroelectronics
STPS240H100TV1Y STMICROELECTRONICS-STPS240H100TV1Y Datasheet
180Kb / 8P
Automotive 100 V, 2 x 120 A, power Schottky rectifier
12-Jun-2020
STPS10M120SF STMICROELECTRONICS-STPS10M120SF Datasheet
324Kb / 9P
120 V power Schottky rectifier
DS12696 - Rev 2 - November 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com