Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF620T Datasheet(PDF) 2 Page - rfsolutions.ltd

Part # RF620T
Description  SmartRadio Transmitter / Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF620T Datasheet(HTML) 2 Page - rfsolutions.ltd

  RF620T Datasheet HTML 1Page - rfsolutions.ltd RF620T Datasheet HTML 2Page - rfsolutions.ltd RF620T Datasheet HTML 3Page - rfsolutions.ltd RF620T Datasheet HTML 4Page - rfsolutions.ltd RF620T Datasheet HTML 5Page - rfsolutions.ltd RF620T Datasheet HTML 6Page - rfsolutions.ltd RF620T Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS620-3 Jan ‘07
©2007 Reg. No. 227 4001, ENGLAND
Page 2
RF620T
RF620R
SmartRadio Transmitter / Receiver
RF620T - Pin Description
Pin No
Name
Description
1
Input 1 OR
\Serial Data
Telemetry Mode:
Data input 1. CMOS/TTL level
Serial Mode:
Serial data Input, active low. CMOS/TTL level
2
Input 2 OR
\CTS
Telemetry Mode:
Data input 2. CMOS/TTL level
Serial Mode:
\CTS data output, active low. CMOS/TTL level
3
\Learn
&
\LED
Dual function:
Programming Switch input, When grounded places the module into ‘learn’ mode.
External LED output, Indicates data reception, and programming status.
4
Mode
GND via 10K resistor:
Telemetry Mode
Vcc via 10K resistor:
Serial Mode
5
ANT
Connect Antenna to this input
9
GND
Ground
10
Vcc
+5V Supply Voltage
RF620T – Serial Application circuit
RF620T – Telemetry Application circuit



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com