Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF620T Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # RF620T
Description  SmartRadio Transmitter / Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF620T Datasheet(HTML) 6 Page - rfsolutions.ltd

  RF620T Datasheet HTML 1Page - rfsolutions.ltd RF620T Datasheet HTML 2Page - rfsolutions.ltd RF620T Datasheet HTML 3Page - rfsolutions.ltd RF620T Datasheet HTML 4Page - rfsolutions.ltd RF620T Datasheet HTML 5Page - rfsolutions.ltd RF620T Datasheet HTML 6Page - rfsolutions.ltd RF620T Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DS620-3 Jan ‘07
©2007 Reg. No. 227 4001, ENGLAND
Page 6
RF620T
RF620R
SmartRadio Transmitter / Receiver
Technical Specification – RF620T
Absolute Maximum Ratings
Supply Voltage (+5Vcc to GND)..........................................-0.3 to + 6 Volts.
Storage Temperature..........................................................-30 to +85
o Celsius.
Operating Temperature....................................................... 0 to +70
o Celsius.
For Ambient temperature = 25
o Celsius.
Electrical Specification
Min
Typical
Max
Dimension
Note
Supply Voltage
4.5
5.0
5.5
V
Vdd
6
mA
transmitting
Supply Current
1
mA
idle/receiving
Frequency
(custom frequencies available on request)
433.92
MHz
Input voltage:
Logic Low
0.8
V
Logic High
2.0
V
Level of Emitted Spectrum
-70
dBm
EMC Compliance
Complies to ETS300-339
Technical Specification – RF620R
Absolute Maximum Ratings
Supply Voltage (+5Vcc to GND)..........................................-0.3 to + 6 Volts.
Storage Temperature..........................................................-30 to +85
o Celsius.
Operating Temperature....................................................... 0 to +70
o Celsius.
For Ambient temperature = 25
o Celsius.
Electrical Specification
Min
Typical
Max
Dimension
Note
Supply Voltage
4.5
5.0
5.5
V
Vdd
Supply Current
6
mA
Frequency
(custom frequencies available on request)
433.92
MHz
Output voltage:
Logic Low
0.6
V
I out = 8.5mA
Logic High
Vdd-0.7v
V
I out = -3mA
Output current:
Logic Low
25
mA
NOTE a
Logic High
-25
mA
Turn on Time
20
ms
-3dB Bandwidth
+/- 400
KHz
Receiver R.F. Sensitivity (100% AM)
-106
dBm
EMC Compliance
Complies to ETS300-339
NOTE a: OUTPUT 1 and OUTPUT 2 have internal 220 Ohm resistors in series with the output drive.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com