Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF620T Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # RF620T
Description  SmartRadio Transmitter / Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

RF620T Datasheet(HTML) 7 Page - rfsolutions.ltd

  RF620T Datasheet HTML 1Page - rfsolutions.ltd RF620T Datasheet HTML 2Page - rfsolutions.ltd RF620T Datasheet HTML 3Page - rfsolutions.ltd RF620T Datasheet HTML 4Page - rfsolutions.ltd RF620T Datasheet HTML 5Page - rfsolutions.ltd RF620T Datasheet HTML 6Page - rfsolutions.ltd RF620T Datasheet HTML 7Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
DS620-3 Jan ‘07
©2007 Reg. No. 227 4001, ENGLAND
Page 7
RF620T
RF620R
SmartRadio Transmitter / Receiver
Mechanical Details
Component Side
13
63.5
14.5
2.54
713
15
Notes
Dims in mm
Pins on 0.1" pitch
Pin Dims :0.25 x 0.50 mm
3
1.27
20
25
11
RF620R
Component Side
25.5
11.5
2.54
9
3
5
RF620T
1
1.27
10
Antenna Design
The design and positioning of the antenna is as crucial as the module performance itself in achieving a good
wireless system range. The following will assist the designer in maximising system performance.
The RF ground pin should be connected to a ground plane which should shield the aerial connection and the
PCB layout around the aerial track itself should be such as to give a 50 Ohm impedance. The aerial should be
kept as far away from sources of electrical interference as physically possible. The specified power supply
decoupling capacitors should be placed close to the module as possible and have direct connections to the
relevant pins.
The antenna ‘hot end’ should be kept clear of any objects, especially any metal as this can severely restrict the
efficiency of the antenna to receive power. Earth planes restricting the radiation path of the antenna will also
have the same effect.
The best range will be achieved with either a straight piece of wire, rod or PCB track @ ¼ wavelength (17.3cm
@ 433.92MHz). Increased range may be achieved if this ¼ wave antenna is placed perpendicular to and in the
middle of a solid earth plane measuring at least 16cm radius. In this case, the antenna should be connected to
the module using 50 Ohm coaxial cable and the PCB track layout tips given above should be observed.
RF Solutions Ltd.,
Unit 21, Cliffe Industrial Estate,
South Street, Lewes,
E Sussex, BN8 6JL, England
Tel +44 (0)1273 898 000
Fax +44 (0)1273 480 661
Email sales@rfsolutions.co.uk
http://www.rfsolutions.co.uk
All Trademarks acknowledged and remain the property of the respected owners
Information contained in this document is believed to be accurate, however no representation or warranty is given and R.F. Solutions Ltd. assumes no liability with respect to the accuracy of such
information. Use of R.F.Solutions as critical components in life support systems is not authorised except with express written approval from R.F.Solutions Ltd.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com