Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A64 Datasheet(PDF) 24 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 24 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 20Page - Texas Instruments UCD3138A64 Datasheet HTML 21Page - Texas Instruments UCD3138A64 Datasheet HTML 22Page - Texas Instruments UCD3138A64 Datasheet HTML 23Page - Texas Instruments UCD3138A64 Datasheet HTML 24Page - Texas Instruments UCD3138A64 Datasheet HTML 25Page - Texas Instruments UCD3138A64 Datasheet HTML 26Page - Texas Instruments UCD3138A64 Datasheet HTML 27Page - Texas Instruments UCD3138A64 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 84 page
background image
EAP0
EAN0
DAC0
EADC
4 bit dithering gives 14 bits of effective resolution
97.65625 V/LSB effective resolution
X
6 bit ADC
8mV/LSB
Signed 9 bit result
(error) 1 mV /LSB
AFE_GAIN
10 bit DAC
1.5625mV/LSB
Value
Dither
CPCC
Filter x
Ramp
SAR/Prebias
Absolute Value
Calculation
Averaging
10 bit result
1.5625mV/LSB
2
3-AFE_GAIN
Peak Current Mode
Comparator
Peak Current
Detected
A0
2
AFE_GAIN
24
UCD3138128, UCD3138A64
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 10. Front End Module
9.3.2.1.2
DPWM Module
The DPWM module represents one complete DPWM channel with 2 independent outputs, A and B. Multiple
DPWM modules within the UCD3138x system can be configured to support all key power topologies. DPWM
modules can be used as independent DPWM outputs, each controlling one power supply output voltage rail. It
can also be used as a synchronized DPWM—with user selectable phase shift between the DPWM channels to
control power supply outputs with multiphase or interleaved DPWM configurations.
The output of the filter feeds the high resolution DPWM module. The DPWM module produces the pulse width
modulated outputs for the power stage switches. The filter calculates the necessary duty ratio as a 24-bit number
in Q23 fixed point format (23 bit integer with 1 sign bit). This represents a value within the range 0.0 to 1.0. This
duty ratio value is used to generate the corresponding DPWM output ON time. The resolution of the DPWM ON
time is 250 psec.
Each DPWM module can be synchronized to another module or to an external synchronization signal. An input
SYNC signal causes a DPWM ramp timer to reset. The SYNC signal outputs—from each of the four DPWM
modules—occur when the ramp timer crosses a programmed threshold. This allows the phase of the DPWM
outputs for multiple power stages to be tightly controlled.
The DPWM logic takes the output of the filter and converts it into the correct DPWM output for several power
supply topologies. It provides for programmable dead times and cycle adjustments for current balancing between
phases. It controls the triggering of the EADC. It can synchronize to other DPWMs or to external sources. It can
provide synchronization information to other DPWMs or to external recipients. In addition, it interfaces to several
fault handling circuits. Some of the control for these fault handling circuits is in the DPWM registers. Fault
handling is covered in the Fault Mux section.
Each DPWM module supports the following features:
•
Dedicated 14 bit time-base with period and frequency control
•
Shadow period register for end of period updates.
•
Quad-event control registers (A and B, rising and falling) (Events 1-4)
–
Used for on/off DPWM duty ratio updates.
•
Phase control relative to other DPWM modules
•
Sample trigger placement for output voltage sensing at any point during the DPWM cycle.
•
Support for 2 independent edge placement DPWM outputs (same frequency or period setting)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com