Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A64 Datasheet(PDF) 35 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 35 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 31Page - Texas Instruments UCD3138A64 Datasheet HTML 32Page - Texas Instruments UCD3138A64 Datasheet HTML 33Page - Texas Instruments UCD3138A64 Datasheet HTML 34Page - Texas Instruments UCD3138A64 Datasheet HTML 35Page - Texas Instruments UCD3138A64 Datasheet HTML 36Page - Texas Instruments UCD3138A64 Datasheet HTML 37Page - Texas Instruments UCD3138A64 Datasheet HTML 38Page - Texas Instruments UCD3138A64 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 84 page
background image
18
24
14
38
18
KCompx
DPWMx Period
Loop_VFF
Filter YN (Duty %)
Filter Duty
S0.23
14.0
14.0
14.0
14.0
S14.23
Resonant Duty 14.0
Round to
18 bits,
Clamp to
Positive
Clamp
Filter Output
Clamp High
Filter Output
Clamp Low
X
14.4
14.4
OUTPUT_MULT_SEL
14
Bits [17:4]
Filter Period
24
14
38
18
KCompx
DPWMx Period
Filter YN
S0.23
14.0
14.0
14.0
S14.23
Round to
18 bits,
Clamp to
Positive
Truncate
low 4 bits
X
14.0
PERIOD_MULT_SEL
14.4
35
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Figure 19. Final Section for the Filter
This permits the filter output to be multiplied by a variety of correction factors to match the DPWM Period, to
provide for Voltage Feed Forward, or for other purposes. After this, there is another clamp. For resonant mode,
the filter can be used to generate both period and duty cycle.
9.3.5.1 Loop Multiplexer
The Loop Mux controls interconnections between the filters, front ends, and DPWMs. Any filter, front end, and
DPWM can be combined in a variety of configurations.
It also controls the following connections:
•
DPWM to Front End
•
Front End DAC control from Filters or Constant Current/Constant Power Module
•
Filter Special Coefficients and Feed Forward
•
DPWM synchronization
•
Filter to DPWM
The following control modules are configured in the Loop Mux:
•
Constant Power/Constant Current
•
Cycle Adjustment (Current and flux balancing)
•
Global Period
•
Light Load (Burst Mode)
•
Analog Peak Current Mode
9.3.5.2 Fault Multiplexer
In order to allow a flexible way of mapping several fault triggering sources to all the DPWMs channels, the
UCD3138x provides an extensive array of multiplexers that are united under the name Fault Mux module.
The Fault Mux Module supports the following types of mapping between all the sources of fault and all the
different fault response mechanisms inside each DPWM module.
•
Many fault sources may be mapped to a single fault response mechanism. For instance an analog
comparator in charge of over voltage protection, a digital comparator in charge of over current protection and
an external digital fault pin can be all mapped to a Fault-A signal connected to a single FAULT MODULE and
shut down DPWM1-A.
•
A single fault source can be mapped to many fault response mechanisms inside many DPWM modules. For
instance an analog comparator in charge of over current protection can be mapped to DPWM-0 through
DPWM-3 by way of several fault modules.
•
Many fault sources can be mapped to many fault modules inside many DPWM modules.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com