Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD3138A64 Datasheet(PDF) 9 Page - Texas Instruments

Part # UCD3138A64
Description  UCD3138128, UCD3138A64 Highly-Integrated Digital Controller For Isolated Power
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

UCD3138A64 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCD3138A64 Datasheet HTML 5Page - Texas Instruments UCD3138A64 Datasheet HTML 6Page - Texas Instruments UCD3138A64 Datasheet HTML 7Page - Texas Instruments UCD3138A64 Datasheet HTML 8Page - Texas Instruments UCD3138A64 Datasheet HTML 9Page - Texas Instruments UCD3138A64 Datasheet HTML 10Page - Texas Instruments UCD3138A64 Datasheet HTML 11Page - Texas Instruments UCD3138A64 Datasheet HTML 12Page - Texas Instruments UCD3138A64 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 84 page
background image
9
UCD3138128, UCD3138A64
www.ti.com
SLUSBZ8B – JUNE 2014 – REVISED FEBRUARY 2017
Product Folder Links: UCD3138128 UCD3138A64
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Pin Functions (continued)
PIN
NAME
PRIMARY ASSIGNMENT
ALTERNATE ASSIGNMENT
CONFIGURABLE
AS A GPIO?
NO. 1
NO. 2
(1)
Fusion Digital Power based debug tools are recommended instead of JTAG.
9
DGND
Digital ground
10
RESET
Device Reset Input, active low
11
PWM2
General purpose PWM 2
Yes
12
PWM3
General purpose PWM 3
Yes
13
TCAP1
Timer Capture Input
TCAP0
Yes
14
ADC_EXT_TRIG
ADC conversion external trigger input
Yes
15
PMBUS_CLK
PMBUS Clock (Open Drain)
Yes
16
PMBUS_DATA
PMBus data (Open Drain)
Yes
17
PMBUS_ALERT
PMBus Alert (Open Drain)
Yes
18
PMBUS_CTRL
PMBus Control (Open Drain)
Yes
19
I2C_CLK
I2C Clock
Yes
20
I2C_DATA
I2C Data
Yes
21
DGND
Digital ground
22
DPWM0A
DPWM 0A output
Yes
23
DPWM0B
DPWM 0B output
Yes
24
DPWM1A
DPWM 1A output
Yes
25
DPWM1B
DPWM 1B output
Yes
26
DPWM2A
DPWM 2A output
Yes
27
DPWM2B
DPWM 2B output
Yes
28
DPWM3A
DPWM 3A output
Yes
29
DPWM3B
DPWM 3B output
Yes
30
GPIOA
General Purpose I/O Pin
Yes
31
GPIOB
General Purpose I/O Pin
Yes
32
GPIOC
General Purpose I/O Pin
Yes
33
GPIOD
General Purpose I/O Pin
Yes
34
SYNC
DPWM Synchronize pin
Yes
35
SCI_TX0
SCI TX 0
Yes
36
SCI_RX0
SCI RX 0
Yes
37
SCI_TX1
SCI TX 1
Yes
38
SCI_RX1
SCI RX 1
Yes
39
PWM0
General purpose PWM 0
Yes
40
PWM1
General purpose PWM 1
Yes
41
DGND
Digital ground
42
EXT_INT
External Interrupt
Yes
43
FAULT0
External fault input 0
Yes
44
FAULT1
External fault input 1
Yes
45
TCK
(1)
JTAG TCK (for manufacturer test only)
RTC_IN
RTC_OUT
Yes
46
TDO
(1)
JTAG TDO (for manufacturer test only)
TCAP0
TCAP1
Yes
47
TDI
(1)
JTAG TDI (for manufacturer test only)
TCAP0
TCAP1
Yes
48
TMS
(1)
JTAG TMS (for manufacturer test only)
Yes
49
TCAP0
Timer Capture Input
TCAP1
Yes
50
SPI_CS
SPI Chip Select
Yes
51
SPI_CLK
SPI Clock
Yes
52
SPI_MOSI
SPI Master Output Slave Input
Yes
53
SPI_MISO
SPI Master Input Slave Output
Yes
54
FAULT2
External fault input 2
Yes
55
FAULT3
External fault input 3
Yes
56
DGND
Digital ground
57
V33DIO
Digital I/O 3.3V core supply
58
BP18
1.8V Bypass (For internal use only, do not load)
59
V33D
Digital 3.3V core supply
60
DGND
Digital ground
61
RSVD
Internal use only. Tie to BP18.
62
RTC_IN_1_8
RTC external clock input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com