Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 17 Page - Texas Instruments

Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 17 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 13Page - Texas Instruments XIO2001IPNP Datasheet HTML 14Page - Texas Instruments XIO2001IPNP Datasheet HTML 15Page - Texas Instruments XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments XIO2001IPNP Datasheet HTML 18Page - Texas Instruments XIO2001IPNP Datasheet HTML 19Page - Texas Instruments XIO2001IPNP Datasheet HTML 20Page - Texas Instruments XIO2001IPNP Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 145 page
background image
DEVICES
POWER STATE(1)
VOLTS
AMPERES
WATTS
One downstream PCI device
D0 idle
1.5
0.148
0.222
3.3
0.077
0.254
TOTALS:
0.225
0.476
One downstream PCI device
D0 active
1.5
0.157
0.236
3.3
0.165
0.545
TOTALS:
0.322
0.780
One downstream (max voltage)
D0 active
1.65
0.168
0.277
3.6
0.188
0.677
TOTALS:
0.356
0.954
(1)
D0 idle power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is not
actively transferring data.
D0 active power state: Downstream PCI device is in PCI state D0. Downstream device driver is loaded. Downstream device is acitvely
transferring data (worst case scenario).
6.6 PCI Express Differential Transmitter Output Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
UI(1)
Unit interval
TXP, TXN
399.88
400
400.12
ps
Each UI is 400 ps ±300 ppm. UI does not account for SSC
dictated variations.
VTX-DIFF-PP
Differential peak-to-peak output voltage
TXP, TXN
0.8
1.2
V
VTX-DIFF-PP = 2*|VTXP – VTXN|
VTX-DIFF-PP-LOW
Low-power differential peak-to-peak TX
voltage swing
TXP, TXN
0.4
1.2
V
VTX-DIFF-PP = 2*|VTXP – VTXN|
VTX-DE-RATIO-3.5dB
TX de-emphasis level ratio
TXP, TXN
3
4
dB
This is the ratio of the VTX-DIFF-PP of the second and
following bits after a transition divided by the VTX-DIFF-PP of
the first bit after a transition.
TTX-EYE (2) (3) (4)
Minimum TX eye width
TXP, TXN
0.75
UI
Does not include SSC or RefCLK jitter. Includes Rj at 10–12.
TTX-EYE-MEDIAN-to-MAX-JITTER (2)
Maximum time between the jitter median
and maximum deviation from the median
TXP, TXN
0.125
UI
Measured differentially at zero crossing points after
applying the 2.5 GT/s clock recovery function.
TTX-RISE-FALL (2)
TX output rise/fall time
TXP, TXN
0.125
UI
Measured differentially from 20% to 80% of swing.
BWTX-PLL (6)
Maximum TX PLL bandwidth
TXP, TXN
22
MHz
Second order PLL jitter transfer bounding function.
BWTX-PLL-LO-3DB (6) (7)
Minimum TX PLL bandwidth
TXP, TXN
1.5
MHz
Second order PLL jitter transfer bounding function.
RLTX-DIFF
Tx package plus Si differential return loss
TXP, TXN
10
dB
RLTX-CM
Tx package plus Si common mode return
loss
TXP, TXN
6
dB
Measured over 0.05–1.25 GHz range
ZTX-DIFF_DC
DC differential TX impedance
TXP, TXN
80
120
Ω
Low impedance defined during signaling.
VTX-CM-AC-P (5)
TX AC common mode voltage
TXP, TXN
20
mV
ITX-SHORT
Transmitter short-circuit current limit
TXP, TXN
90
mA
The total current transmitter can supply when shorted to
ground.
VTX-DC-CM
Transmitter DC common-mode voltage
TXP, TXN
0
3.6
V
The allowed DC common-mode voltage at the transmitter
pins under any conditions.
VTX-CM-DC-ACTIVE-IDLE-DELTA
Absolute delta of DC common mode
voltage during L0 and electrical idle
TXP, TXN
0
100
mV
|VTX-CM-DC – VTX-CM-Idle-DC| ≤ 100 mV
VTX-CM-DC = DC(avg) of |VTXP + VTXN|/2 [during L0]
VTX-CM-Idle-DC = DC(avg) of |VTXP + VTXN|/2 [during electrical
idle]
VTX-CM-DC-LINE-DELTA
Absolute delta of DC common mode
voltage between P and N
TXP, TXN
0
25
mV
|VTXP-CM-DC – VTXN-CM-DC| ≤25 mV when
VTXP-CM-DC = DC(avg) of |VTXP| [during L0]
VTXN-CM-DC = DC(avg) of |VTXN| [during L0]
www.ti.com
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com