Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 8 Page - Texas Instruments

Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 8 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 4Page - Texas Instruments XIO2001IPNP Datasheet HTML 5Page - Texas Instruments XIO2001IPNP Datasheet HTML 6Page - Texas Instruments XIO2001IPNP Datasheet HTML 7Page - Texas Instruments XIO2001IPNP Datasheet HTML 8Page - Texas Instruments XIO2001IPNP Datasheet HTML 9Page - Texas Instruments XIO2001IPNP Datasheet HTML 10Page - Texas Instruments XIO2001IPNP Datasheet HTML 11Page - Texas Instruments XIO2001IPNP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 145 page
background image
Pin Descriptions
The following list describes the different input/output cell types that appear in the pin function tables:
• HS DIFF IN = High speed differential input
• HS DIFF OUT = High speed differential output
• PCI BUS = PCI bus tri-state bidirectional buffer with 3.3-V or 5.0-V clamp rail.
• LV CMOS = 3.3-V low voltage CMOS input or output with 3.3-V clamp rail
• BIAS = Input/output terminals that generate a bias voltage to determine a driver's operating current
• Feed through = These terminals connect directly to macros within the part and not through an input or output
cell.
• PWR = Power terminal
• GND = Ground terminal
Pin Functions
SIGNAL
ZWS
BALL
NO.
ZAJ
BALL
NO.
PNP
PIN NO.
I/O
TYPE
EXTERNAL
PARTS
DESCRIPTION
POWER SUPPLY
PCIR
A01,
K03
D03, J03
2, 27
I/O
Resistor
PCI Rail. 5.0-V or 3.3-V PCI bus clamp voltage to set maximum
I/O voltage tolerance of the secondary PCI bus signals. Connect
each one of these terminals to the secondary PCI bus I/O clamp
rail through a 1kΩ resistor.
VDD_15
G04,
K07,
D07,
H10,
G10
J08,
H08,
J07,
G08,
K13, G11
21, 53,
113
PWR
Bypass
capacitors
1.5-V digital core power terminals
VDD_15_PLL
F10
F11
84
PWR
Pi filter
1.5-V power terminal for internal PLL. This terminal must be
isolated from analog and digital power.
VDDA_15
F13,
H13
E12, H12 76, 78,
83, 85
PWR
Pi filter
1.5-V analog power terminal
VDD_33
E04,
H03,
J04,
L08,
K09,
D09,
C07,
D05,
J12
E05,
G06,
H07,
G07,
H06,
F08,
F07,
F06, J11
7, 19,
33, 46,
62, 100,
111, 126
PWR
Bypass
capacitors
3.3-V digital I/O power terminal
VDD_33_AUX
J11
J12
73
PWR
Bypass
capacitors
3.3-V auxiliary power terminal Note: This terminal is connected
to VSS through a pulldown resistor if no auxiliary supply is
present.
VDDA_33
D13
C12
74, 92
PWR
Pi filter
3.3-V analog power terminal
GROUND
VSS
D04,
F04,
H04,
K04,
K05,
K06,
K08,
L11,
J10,
D10,
D08,
D06,
F11,
F12
E06,
F05,
G05,
H05,
J05, J06,
J09,
H09,
E09,
E08,
E07,
F12 ,F09
GND
Digital
ground
terminals
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com