Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XIO2001IPNP Datasheet(PDF) 18 Page - Texas Instruments

Part # XIO2001IPNP
Description  XIO2001 PCI Express to PCI Bus Translation Bridge
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

XIO2001IPNP Datasheet(HTML) 18 Page - Texas Instruments

Back Button XIO2001IPNP Datasheet HTML 14Page - Texas Instruments XIO2001IPNP Datasheet HTML 15Page - Texas Instruments XIO2001IPNP Datasheet HTML 16Page - Texas Instruments XIO2001IPNP Datasheet HTML 17Page - Texas Instruments XIO2001IPNP Datasheet HTML 18Page - Texas Instruments XIO2001IPNP Datasheet HTML 19Page - Texas Instruments XIO2001IPNP Datasheet HTML 20Page - Texas Instruments XIO2001IPNP Datasheet HTML 21Page - Texas Instruments XIO2001IPNP Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 145 page
background image
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
VTX-IDLE-DIFF-AC-p
Electrical idle differential peak output
voltage
TXP, TXN
0
20
mV
VTX-IDLE-DIFFp = |VTXP-Idle – VTXN-Idle| ≤ 20 mV
VTX-RCV-DETECT
The amount of voltage change allowed
during receiver detection
TXP, TXN
600
mV
The total amount of voltage change that a transmitter can
apply to sense whether a low impedance receiver is
present.
TTX-IDLE-MIN
Minimum time spent in electrical idle
TXP, TXN
20
ns
Minimum time a transmitter must be in electrical idle.
TTX-IDLE-SET-TO-IDLE
Maximum time to transition to a valid
electrical idle after sending an EIOS
TXP, TXN
8
ns
After sending the required number of EIOSs, the
transmitter must meet all electrical idle specifications
within this time. This is measured from the end of the last
EIOS to the transmitter in electrical idle.
TTX-IDLE-TO-DIFF-DATA
Maximum time to transition to a valid diff
signaling after leaving electrical idle
TXP, TXN
8
ns
Maximum time to transistion to valid diff signaling after
leaving electrical idle. This is considered a debounce time
to the Tx.
CTX
AC coupling capacitor
TXP, TXN
75
200
nF
All transmitters shall be AC coupled. The AC coupling is
required either within the media or within the transmitting
component itself.
(1)
SCC permits a 0, –5000 ppm modulation of the clock frequency at a modulation rate not to exceed 33 kHz.
(2)
Measurements at 2.5 GT/s require a scope with at least 6.2 GHz bandwidth. 2.5 GT/s may be measured within 200 mils of Tx device's
pins, although deconvolution is recommended.
(3)
Transmitter jitter is measured by driving the transmitter under test with a low jitter "ideal" clock and connecting the DUT to a reference
board.
(4)
Transmitter raw jitter data must be convolved with a filtering function that represents the worst case CDR tracking BW. After the
convolution process has been applied, the center of the resulting eye must be determined and used as a reference point for obtaining
eye voltage and margins.
(5)
Measurement is made over at least 10 UI.
(6)
The Tx PLL Bandwidth must lie between the min and max ranges given in the above table. PLL peaking must lie below the value listed
above. Note: the PLL B/W extends from zero up to the value(s) specified in the above table.
(7)
A single combination of PLL BW and peaking is specified for 2.5 GT/s implemenations.
6.7 PCI Express Differential Receiver Input Ranges
PARAMETER
TERMINALS
MIN
NOM
MAX
UNIT
COMMENTS
UI(1)
Unit interval
RXP, RXN
399.88
400.12
ps
Each UI is 400 ps ±300 ppm. UI does not account for
SSC dictated variations.
VRX-DIFF-PP-CC (2)
Differential input peak-to-peak voltage
RXP, RXN
0.175
1.200
V
VRX-DIFFp-p = 2*|VRXP – VRXN|
TRX-EYE (2) (3)
Minimum receiver eye width
RXP, RXN
0.4
UI
The maximum interconnect media and transmitter jitter
that can be tolerated by the receiver is derived as TRX-
MAX-JITTER = 1 – TRX-EYE = 0.6 UI
TRX-EYE-MEDIAN-to-MAX-JITTER (2) (3)
Maximum time between the jitter median
and maximum deviation from the median
RXP, RXN
0.3
UI
Jitter is defined as the measurement variation of the
crossing points (VRX-DIFFp-p = 0 V) in relation to
recovered TX UI. A recovered TX UI is calculated over
3500 consecutive UIs of sample data. Jitter is
measured using all edges of the 250 consecutive UIs in
the center of the 3500 UIs used for calculating the TX
UI.
BWRX-PLL-HI (6)
Maximum Rx PLL bandwidth
RXP, RXN
22
MHz
Second order PLL jitter transfer bounding function.
BWRX-PLL-LO-3DB (6)
Minimum Rx PLL for 3 dB peaking
RXP, RXN
1.5
MHz
Second order PLL jitter transfer bounding function.
VRX-CM-AC-P (2)
AC peak common mode input voltage
RXP, RXN
150
mV
VRX-CM-AC-P = RMS(|VRXP + VRXN|/2 – VRX-CM-DC)
VRX-CM-DC = DC(avg) of |VRXP + VRXN|/2.
RLRX-DIFF (4)
Differential return loss
RXP, RXN
10
dB
Measured over 50 MHz to 1.25 GHz with the P and N
lines biased at +300 mV and –300 mV, respectively.
RLRX-CM (4)
Common mode return loss
RXP, RXN
6
dB
Measured over 50 MHz to 1.25 GHz with the P and N
lines biased at +300 mV and –300 mV, respectively.
ZRX-DIFF-DC (5)
DC differential input impedance
RXP, RXN
80
120
Ω
RX dc differential mode impedance
ZRX-DC (4) (5)
DC input impedance
RXP, RXN
40
60
Ω
Required RXP as well as RXN dc impedance (50 Ω
±20% tolerance).
XIO2001
SCPS212J – MAY 2009 – REVISED JANUARY 2021
www.ti.com
18
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: XIO2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com