Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35529862 Datasheet(PDF) 1 Page - Glamox

Part # D35529862
Description  D35-S230 LED 1400 HF 840MP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35529862 Datasheet(HTML) 1 Page - Glamox

  D35529862 Datasheet HTML 1Page - Glamox D35529862 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-S230 LED 1400 HF 840
MP
Glamox D35 is a family with a compact design, and
available in three sizes. Injected moulded fire resistant
plastic material V1 in white finish RAL9016. Integrated
aluminium heat sink.
Item No.
D35529862
GTIN
4741145298629
Stock status code
C
Technical specifications
Mounting
Product Mounting
Ceiling surface
General
Product shape
Round
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Total Consumption (W)
12
Number Of Luminaire MCB 10B
30
Number Of Luminaire MCB 10C
51
Number Of Luminaire MCB 16B
50
Number Of Luminaire MCB 16C
85
Optic
Optic description
Micro prismatic diffuser
Optic Name
MP - Micro prismatic
diffuser
UGR (70/50/20 & 4H-8H
crosswise)
24
Diffuser Material
Acrylic
Diffuser Material Design
Prismatic
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40
Light Technical Data
Light source
LED
Lumen Out (lm)
1381
Lumen Per Watt (lm/W)
119
Lamp colour temp (K)
4000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
C
Driver / Ballast
Type of LED Driver
HF: Non dimmable
Number of Driver
1
Lifetime
LED Lifetime L70B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
54
Diameter (mm)
230
Item Net Weight (kg)
0.9752
Termination
Termination
3x2x2.5mm2 Push In
Logistic Data
Item Gross Weight (kg)
1.06


Similar Part No. - D35529862

ManufacturerPart #DatasheetDescription
logo
Glamox
D35529860 GLAMOX-D35529860 Datasheet
296Kb / 2P
D35-R280 LED 1800 DALI840 MP
D35529861 GLAMOX-D35529861 Datasheet
258Kb / 2P
D35-S180 LED 1000 HF 840MP
D35529863 GLAMOX-D35529863 Datasheet
289Kb / 2P
D35-S280 LED 1800 HF 840MP
D35529865 GLAMOX-D35529865 Datasheet
274Kb / 3P
D35-S230 LED 1400 DALI840 MP
D35529866 GLAMOX-D35529866 Datasheet
297Kb / 3P
D35-S280 LED 1800 DALI840 MP
More results

Similar Description - D35529862

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5G1400P MITSUBISHI-M5G1400P Datasheet
114Kb / 4P
1400 BIT ELECTRICALLY ALTERABLE ROM
logo
Astec America, Inc
HPS35 ASTEC-HPS35 Datasheet
1Mb / 5P
350-1400 Watts
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
Lite-On Technology Corp...
LTST-S115KRKGKT LITEON-LTST-S115KRKGKT Datasheet
634Kb / 12P
Meet ROHS, HF, Green Product, Dual color chip LED
logo
TAI-SAW TECHNOLOGY CO.,...
TA1444A TAI-SAW-TA1444A Datasheet
710Kb / 8P
SAW Filter 1400 MHz
logo
3M Electronics
1400 3M-1400 Datasheet
37Kb / 2P
Economy Vinyl Electrical Tape 1400
Feb-2010
logo
TAI-SAW TECHNOLOGY CO.,...
TA1444B TAI-SAW-TA1444B Datasheet
226Kb / 8P
SAW Filter 1400 MHz
logo
Soshin electric Co., Lt...
ARP-4170400-D1 SOSHIN-ARP-4170400-D1 Datasheet
290Kb / 3P
20dB Directional Coupler 1400-2700MHz
logo
HARTING Technology Grou...
10-40-291-1009 HARTING-10-40-291-1009 Datasheet
620Kb / 2P
Han HPR HPTC 1400 DS
2021-11-05
logo
STMicroelectronics
RF5L051K4CB4 STMICROELECTRONICS-RF5L051K4CB4 Datasheet
1Mb / 12P
1400 W, 50 V, HF to 500 MHz RF power LDMOS transistor
14-Oct-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com