Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DISPLPORT10L Datasheet(PDF) 3 Page - StarTech.com Ltd.

Part # DISPLPORT10L
Description  10ft (3m) DisplayPort 1.2 Cable - 4K x 2K Ultra HD VESA Certified DisplayPort Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DISPLPORT10L Datasheet(HTML) 3 Page - StarTech.com Ltd.

  DISPLPORT10L Datasheet HTML 1Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 2Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Characteristics
Color
Black
Connector Style
Latching
Wire Gauge
28 AWG
Cable Length
10.0 ft [3.0 m]
Cable OD
0.3 in [7.3 mm]
Product Length
10.0 ft [3.0 m]
Product Width
0.8 in [20.5 mm]
Product Height
0.4 in [1.1 cm]
Weight of Product
7.4 oz [210.0 g]
Packaging
Information
Package Quantity
1
Package Length
8.7 in [22.0 cm]
Package Width
7.9 in [20.0 cm]
Package Height
1.3 in [34.0 mm]
Shipping (Package)
Weight
7.6 oz [215.0 g]
What's in the Box
Included in Package
1 - 10 ft DisplayPort Cable 1.2 with Latches - M/M
*Product appearance and specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com