Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DISPLPORT10L Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DISPLPORT10L
Description  10ft (3m) DisplayPort 1.2 Cable - 4K x 2K Ultra HD VESA Certified DisplayPort Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DISPLPORT10L Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DISPLPORT10L Datasheet HTML 1Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 2Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
• HIGH PERFORMANCE CABLE: This 10ft (3m) VESA Certified DisplayPort v1.2 cable supports 4K x 2K
(3840x2400p 60Hz), 21.6 Gbps bandwidth, HBR2, 8Ch Audio, Multi-Stream Transport (MST), GTC for precise audio
channel timing & 3D Stereo (2560x1600p 120Hz)
• RELIABLE DESIGN: Durable ABS connectors with flexible PVC strain relief & jacket prevents fraying/damage due
to bending or rough usage; Metal connector sub-structure provides EMI shielding; Latching DP connectors prevent
accidental disconnection
• QUALITY CONSTRUCTION: 28AWG wire with gold-plated connectors for improved signal integrity and reliability;
Superior EMI shielding with Al-Mylar foil and copper braid provides higher quality video and audio; Backwards
compatible with DP 1.1
• APPLICATIONS: Ideal for home/offices/boardrooms/conference rooms/classrooms; works with your professional
workstations with FirePro S9000/7000, W8100/7100/5100 or R5000 graphic cards; Use with 1080p/UHD/4K
monitors, projector or large display
• SPECS: 10 ft (3 m) Black DisplayPort v1.2 DP Latching Male to Male 28 AWG PVC cable jacket, ABS connector
shell Shield: Al-Mylar foil with Braid Protocols: HBR 2, MST, GTC Lifetime Warranty
Hardware
Warranty
Lifetime
Number of Conductors
19
Connector Plating
Nickel
Cable Jacket Material
PVC - Polyvinyl Chloride
Cable Shield Material
Aluminum-Mylar Foil with Braid
Fire Rating
CMG Rated (General Purpose)
Performance
General Specifications
Insertion Rating: 5000
Connector(s)
Connector A
1 - DisplayPort (20 pin)
Connector B
1 - DisplayPort (20 pin)
Environmental
Operating Temperature
0 to 50 C
Storage Temperature
-20 to 70 C
Humidity
0 to 95%
Physical



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com