Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DISPLPORT10L Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DISPLPORT10L
Description  10ft (3m) DisplayPort 1.2 Cable - 4K x 2K Ultra HD VESA Certified DisplayPort Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DISPLPORT10L Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DISPLPORT10L Datasheet HTML 1Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 2Page - StarTech.com Ltd. DISPLPORT10L Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
10ft (3m) DisplayPort 1.2 Cable - 4K x 2K Ultra HD VESA Certified DisplayPort Cable - DP to DP
Cable for Monitor - DP Video/Display Cord - Latching DP Connectors
Product ID: DISPLPORT10L
This DisplayPort cable provides a secure connection between your DisplayPort equipped devices and is capable of
providing higher performance than either HDMI or dual-link DVI.
The DP cable supports high resolutions of up to 4K x 2K (4096 x 2160, 60Hz) with a maximum HBR2 bandwidth of
21.6Gbps, as well as optional audio support. The cable also supports Multi-Stream Transport (MST) for daisy
chaining multiple monitors.
The 10-foot cable is DisplayPort (VESA) certified to support DP 1.2 specifications and ensure a high-quality, reliable
connection for all of your DisplayPort devices.
The DISPLPORT10L is backed by a StarTech.com lifetime warranty for guaranteed reliability and ensures that
digitally protected content is displayed properly, with both HDCP and DPCP capability.
Certifications, Reports and Compatibility
Applications
• Connecting a DisplayPort display to a PC or other DisplayPort source
Features


Similar Part No. - DISPLPORT10L

ManufacturerPart #DatasheetDescription
logo
Logic Fruit Technologie...
DISPLAY-PORT-IP LFTECH-DISPLAY-PORT-IP Datasheet
6Mb / 5P
DISPLAY PORT IPs
More results

Similar Description - DISPLPORT10L

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P582-003-V2 TRIPPLITE-P582-003-V2 Datasheet
489Kb / 2P
DisplayPort 1.2 to HD Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 3 ft.
P582-003-V2-ACT TRIPPLITE-P582-003-V2-ACT Datasheet
487Kb / 2P
DisplayPort 1.2 to HD Active Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 3 ft.
P582-006-V2 TRIPPLITE-P582-006-V2 Datasheet
493Kb / 2P
DisplayPort 1.2 to HD Adapter Cable, DP with Latches to HDMI (M/M), UHD 4K x 2K/1080p, 6 ft.
P134-003-MDP TRIPPLITE-P134-003-MDP Datasheet
168Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz, (M/F), 3 ft.
P134-06N-MDP TRIPPLITE-P134-06N-MDP Datasheet
169Kb / 3P
DisplayPort to Mini DisplayPort Cable Adapter, 3840 x 2160 (4K x 2K) @ 60Hz (M/F), 6 in.
P580-010 TRIPPLITE-P580-010 Datasheet
157Kb / 2P
DisplayPort to DisplayPort Cable 4K with Latches (M/M), 4K x 2K (3840 x 2160) @ 60 Hz, 10 ft.
P583-010 TRIPPLITE-P583-010 Datasheet
154Kb / 2P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter, DisplayPort 1.2, mDP to DP Cable (M/M), 10 ft.
P583-003-BK TRIPPLITE-P583-003-BK Datasheet
174Kb / 3P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 3 ft.
P583-006-BK TRIPPLITE-P583-006-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @ 60 Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 6 ft.
P583-010-BK TRIPPLITE-P583-010-BK Datasheet
172Kb / 3P
Mini DisplayPort to DisplayPort 4K @60Hz Adapter Cable (M/M), 4096 x 2160 (4K x 2K), Black, 10 ft.
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com