Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4150/1 Datasheet(PDF) 44 Page - Texas Instruments

Part # THS4150/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4150/1 Datasheet(HTML) 44 Page - Texas Instruments

Back Button THS4150/1 Datasheet HTML 40Page - Texas Instruments THS4150/1 Datasheet HTML 41Page - Texas Instruments THS4150/1 Datasheet HTML 42Page - Texas Instruments THS4150/1 Datasheet HTML 43Page - Texas Instruments THS4150/1 Datasheet HTML 44Page - Texas Instruments THS4150/1 Datasheet HTML 45Page - Texas Instruments THS4150/1 Datasheet HTML 46Page - Texas Instruments THS4150/1 Datasheet HTML 47Page - Texas Instruments THS4150/1 Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
8X (1.4)
8X (0.45)
6X (0.65)
(4.4)
(R0.05) TYP
(1.57)
BASED ON
0.125 THICK
STENCIL
(1.89)
BASED ON
0.125 THICK
STENCIL
PowerPAD
HVSSOP - 1.1 mm max height
DGN0008G
SMALL OUTLINE PACKAGE
4225480/C 11/2024
1.33 X 1.60
0.175
1.43 X 1.73
0.15
1.57 X 1.89 (SHOWN)
0.125
1.76 X 2.11
0.1
SOLDER STENCIL
OPENING
STENCIL
THICKNESS
NOTES: (continued)
10. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
11. Board assembly site may have different recommendations for stencil design.
TM
SOLDER PASTE EXAMPLE
EXPOSED PAD 9:
100% PRINTED SOLDER COVERAGE BY AREA
SCALE: 15X
SYMM
SYMM
1
4
5
8
METAL COVERED
BY SOLDER MASK
SEE TABLE FOR
DIFFERENT OPENINGS
FOR OTHER STENCIL
THICKNESSES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com