Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4150/1 Datasheet(PDF) 1 Page - Texas Instruments

Part # THS4150/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4150/1 Datasheet(HTML) 1 Page - Texas Instruments

  THS4150/1 Datasheet HTML 1Page - Texas Instruments THS4150/1 Datasheet HTML 2Page - Texas Instruments THS4150/1 Datasheet HTML 3Page - Texas Instruments THS4150/1 Datasheet HTML 4Page - Texas Instruments THS4150/1 Datasheet HTML 5Page - Texas Instruments THS4150/1 Datasheet HTML 6Page - Texas Instruments THS4150/1 Datasheet HTML 7Page - Texas Instruments THS4150/1 Datasheet HTML 8Page - Texas Instruments THS4150/1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 51 page
background image
DGK-8
DGN-8
D-8
1
FEATURES
APPLICATIONS
1
2
3
4
8
7
6
5
VIN−
VIN+
VOCM
VS+
VOUT+
PD
VS−
VOUT−
RELATED DEVICES
DESCRIPTION
-
+
-
+
VOCM
12 Bit/80 MSps
IN
IN
5 V
Vref
5 V
VS
0.1
µF
10
µF
499
Ω
8.2 pF
1
µF
53.6
Ω
ADC
487
Ω
50
Ω
523
Ω
499
Ω
8.2 pF
24.9
Ω
24.9
Ω
THS4504
THS4505
www.ti.com ......................................................................................................................................................... SLOS363D – AUGUST 2002 – REVISED MAY 2008
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
• High Linearity Analog-to-Digital Converter
23
• Fully Differential Architecture
Preamplifier
• Bandwidth: 260 MHz
• Wireless Communication Receiver Chains
• Slew Rate: 1800 V/µs
• Single-Ended to Differential Conversion
• IMD
3: –73 dBc at 30 MHz
• Differential Line Driver
• OIP
3: 29 dBm at 30 MHz
• Active Filtering of Differential Signals
• Output Common-Mode Control
• Wide Power-Supply Voltage Range: 5 V, ±5 V,
12 V, 15 V
• Input Common-Mode Range Shifted to Include
the Negative Power-Supply Rail
• Power-Down Capability (THS4504)
• Evaluation Module Available
DEVICE(1)
DESCRIPTION
The THS4504 and THS4505 are high-performance,
fully differential amplifiers from Texas Instruments.
THS4504/5
260 MHz, 1800 V/
µs, V
ICR Includes VS–
The THS4504, featuring power-down capability, and
THS4500/1
370 MHz, 2800 V/
µs, V
ICR Includes VS–
the THS4505, without power-down capability, set new
THS4502/3
370 MHz, 2800 V/
µs, Centered V
ICR
performance standards for fully differential amplifiers
THS4120/1
3.3 V, 100 MHz, 43 V/
µs, 3.7 nV/√Hz
with
unsurpassed
linearity,
supporting
12-bit
THS4130/1
15 V, 150 MHz, 51 V/
µs, 1.3 nV/√Hz
operation through 40 MHz. Package options include
the SOIC-8 and the MSOP-8 with PowerPAD™ for a
THS4140/1
15 V, 160 MHz, 450 V/
µs, 6.5 nV/√Hz
smaller footprint, enhanced ac performance, and
THS4150/1
15 V, 150 MHz, 650 V/
µs, 7.6 nV/√Hz
improved thermal dissipation capability.
(1)
Even numbered devices feature power-down capability
APPLICATION CIRCUIT DIAGRAM
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments, Incorporated.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4150/1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4150/1 TI1-THS4150/1 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results

Similar Description - THS4150/1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4502 TI-THS4502 Datasheet
609Kb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4505 TI-THS4505 Datasheet
1Mb / 38P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4503-EP TI1-THS4503-EP Datasheet
768Kb / 38P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
THS4500IDR TI1-THS4500IDR Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
logo
National Semiconductor ...
THS4501 NSC-THS4501 Datasheet
1Mb / 48P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4504 NSC-THS4504 Datasheet
1Mb / 45P
WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
THS4502 NSC-THS4502 Datasheet
1Mb / 49P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP NSC-THS4503-EP Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
logo
Texas Instruments
THS4502 TI1-THS4502_16 Datasheet
1Mb / 48P
Wideband, Low-Distortion Fully Differential Amplifiers
THS4503-EP TI1-THS4503-EP_17 Datasheet
1Mb / 40P
WIDEBAND, LOW-DISTORTION FULLY DIFFERENTIAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com