Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4150/1 Datasheet(PDF) 6 Page - Texas Instruments

Part # THS4150/1
Description  WIDEBAND, LOW-DISTORTION, FULLY DIFFERENTIAL AMPLIFIERS
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4150/1 Datasheet(HTML) 6 Page - Texas Instruments

Back Button THS4150/1 Datasheet HTML 2Page - Texas Instruments THS4150/1 Datasheet HTML 3Page - Texas Instruments THS4150/1 Datasheet HTML 4Page - Texas Instruments THS4150/1 Datasheet HTML 5Page - Texas Instruments THS4150/1 Datasheet HTML 6Page - Texas Instruments THS4150/1 Datasheet HTML 7Page - Texas Instruments THS4150/1 Datasheet HTML 8Page - Texas Instruments THS4150/1 Datasheet HTML 9Page - Texas Instruments THS4150/1 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 51 page
background image
ELECTRICAL CHARACTERISTICS: VS = 5 V
THS4504
THS4505
SLOS363D – AUGUST 2002 – REVISED MAY 2008 ......................................................................................................................................................... www.ti.com
VS = 5 V, RF = RG = 499 Ω, RL = 800 Ω, G = +1, and single-ended input, unless otherwise noted.
THS4504 AND THS4505
TYP
OVER TEMPERATURE
PARAMETER
TEST CONDITIONS
MIN/TYP/
–40
°C
0
°C to
MAX
+25
°C
+25
°C
to
UNIT
+70
°C
+85
°C
AC PERFORMANCE
G = 1, PIN = –20 dBm, RF = 499 Ω
210
MHz
Typ
G = 2, PIN = –20 dBm, RF = 499 Ω
120
MHz
Typ
Small-signal bandwidth
G = 5, PIN = –20 dBm, RF = 499 Ω
40
MHz
Typ
G = 10, PIN = –20 dBm, RF = 499 Ω
20
MHz
Typ
Gain-bandwidth product
G > +10
200
MHz
Typ
Bandwidth for 0.1-dB
PIN = –20 dBm
100
MHz
Typ
flatness
Large-signal bandwidth
G = 1, VP = 1 V
200
MHz
Typ
Slew rate
2 VPP Step
900
V/
µs
Typ
Rise time
2 VPP Step
1.1
ns
Typ
Fall time
2 VPP Step
1
ns
Typ
Settling time to 0.01%
VO = 2 V Step
100
ns
Typ
0.1%
VO = 2 V Step
20
ns
Typ
Harmonic distortion
G = 1, VO = 2 VPP
Typ
f = 8 MHz,
–77
dBc
Typ
2nd harmonic
f = 30 MHz
–56
dBc
Typ
f = 8 MHz
–74
dBc
Typ
3rd harmonic
f = 30 MHz
–57
dBc
Typ
VO = 2 VPP, fC = 30 MHz,
Third-order intermodulation
RF = 499 Ω,
–72
dBc
Typ
distortion
200 kHz tone spacing
Third-order output
fC = 30 MHz, RF = 499 Ω,
28
dBm
Typ
intercept point
Referenced to 50
Ω
Input voltage noise
f > 1 MHz
8
nV/
√Hz
Typ
Input current noise
f > 100 kHz
2
pA/
√Hz
Typ
Overdrive recovery time
Overdrive = 5.5 V
60
ns
Typ
DC PERFORMANCE
Open-loop voltage gain
54
51
49
49
dB
Min
Input offset voltage
–4
–7/–1
–8/0
–9/+1
mV
Max
Average offset voltage drift
±10
±10
µV/°C
Typ
Input bias current
4
4.6
5
5.2
µA
Max
Average bias current drift
±10
±10
nA/
°C
Typ
Input offset current
0.5
0.7
1.2
1.2
µA
Max
Average offset current drift
±20
±20
nA/
°C
Typ
6
Submit Documentation Feedback
Copyright © 2002–2008, Texas Instruments Incorporated
Product Folder Link(s): THS4504 THS4505



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com