Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 20 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 20 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 16Page - Texas Instruments THS4151CD Datasheet HTML 17Page - Texas Instruments THS4151CD Datasheet HTML 18Page - Texas Instruments THS4151CD Datasheet HTML 19Page - Texas Instruments THS4151CD Datasheet HTML 20Page - Texas Instruments THS4151CD Datasheet HTML 21Page - Texas Instruments THS4151CD Datasheet HTML 22Page - Texas Instruments THS4151CD Datasheet HTML 23Page - Texas Instruments THS4151CD Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 38 page
background image
POWER-DOWN MODE
VCC
PD
VCC-
To Internal Bias
Circuitry Control
50 k
Ω
10
100
1000
100 k
1 M
10 M
f Frequency - Hz
OUTPUT IMPEDANCE (SHUTDOWN)
vs
FREQUENCY
100 M
1 G
VCC = ±5 V
Rf = R(g) = 500 Ω
THS4150
THS4151
SLOS321G – MAY 2000 – REVISED MARCH 2009........................................................................................................................................................... www.ti.com
The power-down mode is used when power saving is required. The power-down terminal (PD) found on the
THS415x is an active low terminal. If it is left as a no-connect terminal, the device will always stay on due to an
internal 50 k
Ω resistor to VCC. The threshold voltage for this terminal is approximately 1.4 V above VCC–. This
means that if the PD terminal is 1.4 V above VCC–, the device is active. If the PD terminal is less than 1.4 V
above VCC–, the device is off. For example, if VCC– = –5 V, then the device is on when PD reaches 3.6 V, (–5 V +
1.4 V = –3.6 V). By the same calculation, the device is off below –3.6 V. It is recommended to pull the terminal to
VCC– in order to turn the device off. Figure 42 shows the simplified version of the power-down circuit. While in the
power-down state, the amplifier goes into a high-impedance state. The amplifier output impedance is typically
greater than 1 M
Ω in the power-down state.
Figure 42. Simplified Power-Down Circuit
Due to the similarity of the standard inverting amplifier configuration, the output impedance appears to be very
low while in the power-down state. This is because the feedback resistor (Rf) and the gain resistor (R(g)) are still
connected to the circuit. Therefore, a current path is allowed between the input of the amplifier and the output of
the amplifier. An example of the closed-loop output impedance is shown in Figure 43.
Figure 43.
20
Submit Documentation Feedback
Copyright © 2000–2009, Texas Instruments Incorporated
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com