Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 7 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS4151CD Datasheet HTML 3Page - Texas Instruments THS4151CD Datasheet HTML 4Page - Texas Instruments THS4151CD Datasheet HTML 5Page - Texas Instruments THS4151CD Datasheet HTML 6Page - Texas Instruments THS4151CD Datasheet HTML 7Page - Texas Instruments THS4151CD Datasheet HTML 8Page - Texas Instruments THS4151CD Datasheet HTML 9Page - Texas Instruments THS4151CD Datasheet HTML 10Page - Texas Instruments THS4151CD Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
−100
−90
−80
−70
0.2
1.2
2.2
3.2
4.2
Single Input to
Differential Output
Differential Input to
Differential Output
VCC = ±5 to ±15
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
f = 1 MHz
VO − Output Voltage − V
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±2.5 V
2nd HD
3rd HD
5th HD
4th HD
Single Input to
Differential Output
−120
−110
−100
−90
−80
−70
−60
−50
−40
100 k
1 M
f − Frequency − Hz
10 M
100 M
Gain = 1,
Rf = 390 Ω,
RL = 800 Ω,
VO = 2 Vpp,
VCC = ±5 V
2nd HD
3rd HD
5th HD
4th HD
Single Input to
Differential Output
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
TYPICAL CHARACTERISTICS (continued)
TOTAL HARMONIC DISTORTION
vs
OUTPUT VOLTAGE
Figure 7.
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com