Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS4151CD Datasheet(PDF) 3 Page - Texas Instruments

Part # THS4151CD
Description  HIGH-SPEED DIFFERENTIAL I/O AMPLIFIERS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4151CD Datasheet(HTML) 3 Page - Texas Instruments

  THS4151CD Datasheet HTML 1Page - Texas Instruments THS4151CD Datasheet HTML 2Page - Texas Instruments THS4151CD Datasheet HTML 3Page - Texas Instruments THS4151CD Datasheet HTML 4Page - Texas Instruments THS4151CD Datasheet HTML 5Page - Texas Instruments THS4151CD Datasheet HTML 6Page - Texas Instruments THS4151CD Datasheet HTML 7Page - Texas Instruments THS4151CD Datasheet HTML 8Page - Texas Instruments THS4151CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
DISSIPATION RATING TABLE
RECOMMENDED OPERATING CONDITIONS
ELECTRICAL CHARACTERISTICS
THS4150
THS4151
www.ti.com........................................................................................................................................................... SLOS321G – MAY 2000 – REVISED MARCH 2009
POWER RATING(2)
θ
JA
(1)
θ
JC
PACKAGE
(°C/W)
(°C/W)
TA = 25°C
TA = 85°C
D
97.5
38.3
1.02 W
410 mW
DGN
58.4
4.7
1.71 W
685 mW
DGK
260
54.2
385 mW
154 mW
(1)
This data was taken using the JEDEC standard High-K test PCB.
(2)
Power rating is determined with a junction temperature of 125°C. This is the point where distortion
starts to substantially increase. Thermal management of the final PCB should strive to keep the
junction temperature at or below 125°C for best performance and long term reliability.
MIN
TYP
MAX
UNIT
Dual supply
±2.5
±15
VCC+ to
Supply voltage
V
VCC–
Single supply
5
30
C suffix
0
70
TA
Operating free-air temperature
°C
I suffix
–40
85
At VCC = 15 V, RL = 800 Ω, TA = 25°C (unless otherwise noted).
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DYNAMIC PERFORMANCE
VCC = 5
150
Gain = 1,
BW
Small-signal bandwidth (–3 dB)
VCC = ±5
150
MHz
Rf = 390 Ω
VCC = ±15
150
VCC = 5
80
Gain = 2,
BW
Small-signal bandwidth (–3 dB)
VCC = ±5
81
MHz
Rf = 750 Ω
VCC = ±15
81
SR
Slew rate(1)
VCC = ±15,
Gain = 1
650
V/
µs
Settling time to 0.1%
53
Differential step voltage = 2 VPP,
ts
ns
Gain = 1
Settling time to 0.01%
247
DISTORTION PERFORMANCE
f = 1 MHz
–85
VCC = 5
f = 8 MHz
–66
Total harmonic distortion
f = 1 MHz
–83
THD
Differential input, differential output Gain = 1,
VCC = ±5
dB
f = 8 MHz
–65
Rf = 390 Ω, RL = 800 Ω, VO= 2 VPP
f = 1 MHz
–84
VCC = ±15
f = 8 MHz
–65
Spurious free dynamic range (SFDR)
VO = 2 VPP,
f = 1 MHz
–87
dB
VO = 0.14 VRMS, Gain = 1,
Third intermodulation distortion
–95
dBc
f = 20 MHz
NOISE PERFORMANCE
Vn
Input voltage noise
f > 10 kHz
7.6
nV/
√Hz
In
Input current noise
f > 10 kHz
1.78
pA/
√Hz
(1)
Slew rate is measured from an output level range of 25% to 75%.
Copyright © 2000–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): THS4150 THS4151



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com