Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RXQ1-433 Datasheet(PDF) 6 Page - rfsolutions.ltd

Part # FM-RXQ1-433
Description  FM NARROW BAND TRANSCEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RXQ1-433 Datasheet(HTML) 6 Page - rfsolutions.ltd

Back Button FM-RXQ1-433 Datasheet HTML 2Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 3Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 4Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 5Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 6Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 7Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 8Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 9Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 10Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS0353-9 March ‘05
©2005 Reg. No. 227 4001, ENGLAND
Page 6
TRXQ1
RXQ1
FM NARROW BAND TRANSCEIVERS
TRXQ1 Operating Parameters
Absolute Maximum Ratings
Operating temperature:
-20
0 C to +70 0 C
Storage temperature:
-40
0 C to +100 0 C
Supply Voltage
-0.3 to 6V
Data input
-0.3 to Vcc + 0.3v
Maximum output current
+/- 25 mA
Electrical Characteristics:
Min.
Typ.
Max.
Units
Notes
DC Levels
Supply voltage
3.0
5.0
5.25
V
1
Supply current (Transmit Mode)
28
mA
Supply current (Receive Mode)
14
mA
Data input/output high
0.7xVcc
Vcc
V
Data input/output low
0
0.3xVcc
V
Output Pin Current rating
-
25
mA
LED sink current
5.0
25
mA
RF
Working Frequency
433.92 /
433.33
MHz
Receiver sensitivity
-100
dBm
RF power out (transmitter)
5
dBm
Into 50
Ω
FM Deviation
+/- 15
KHz
IF Bandwidth
65
85
KHz
Harmonic Spurious Emissions
-50
dBc
Operating Temperature
-20
+70
Deg C
Notes
1. Supply voltage should have <10mV ripple.
TRXQ1 Design Data
The TRXQ1 is an intelligent dual band communications module consisting of the RXQ1 transceiver circuitry
and an RF600T embedded controller IC. Designers should study the RF600T data sheet (DS601) since this
contains detailed information on the operation of this device. The design information given below should be
read in conjunction with this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com