Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RXQ1-433 Datasheet(PDF) 10 Page - rfsolutions.ltd

Part # FM-RXQ1-433
Description  FM NARROW BAND TRANSCEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RXQ1-433 Datasheet(HTML) 10 Page - rfsolutions.ltd

Back Button FM-RXQ1-433 Datasheet HTML 4Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 5Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 6Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 7Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 8Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 9Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 10Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 11Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 12Page - rfsolutions.ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
DS0353-9 March ‘05
©2005 Reg. No. 227 4001, ENGLAND
Page 10
TRXQ1
RXQ1
FM NARROW BAND TRANSCEIVERS
TRXQ1 application schematic: logic level connection to host micro controller.
Direct connection of the TRXQ1 to a host micro controller allows the design of complex systems where the
host micro controller provides all of the processing power and the TRXQ1 acts as the data carried between
system nodes.
The use of the broadcast mode will allow multiple transceiver systems to be implemented and with suitable
software and a user defined protocol is will be possible to implement complex networks where control of the
data path, retries etc. are under the control of the designer.
Where a point to point system is required then the addressed mode will provide this and also give the required
level of security. This, along with the automatic retry feature of the TRXQ1 module will remove from the
system designer all of the normal overhead of writing communications software.
As was the case with the RS232 example given above, the TRXQ1 hybrid requires 4 signal connections to
operate correctly.
TxHOST:
serial data which is to be transmitted by the hybrid.
RxHOST:
serial data which has been received by the hybrid.
\CTS:
control output to the host is low when it is Clear To Send data to the hybrid.
\RTS:
control input from the host is low when it is making a Request To Send data from the hybrid.
In some addressed mode applications the learn/erase components may not be required and the LRN/LED pin
could be connected to the host micro controller which would be programmed to handle the functions of this
pin.
Where the module is to be used in the broadcast mode then the learn/erase components will not be required
which will lead to further simplification of the circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com