Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM-RXQ1-433 Datasheet(PDF) 7 Page - rfsolutions.ltd

Part # FM-RXQ1-433
Description  FM NARROW BAND TRANSCEIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFSOLUTIONS [rfsolutions.ltd]
Direct Link  http://www.rfsolutions.co.uk
Logo RFSOLUTIONS - rfsolutions.ltd

FM-RXQ1-433 Datasheet(HTML) 7 Page - rfsolutions.ltd

Back Button FM-RXQ1-433 Datasheet HTML 3Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 4Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 5Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 6Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 7Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 8Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 9Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 10Page - rfsolutions.ltd FM-RXQ1-433 Datasheet HTML 11Page - rfsolutions.ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
DS0353-9 March ‘05
©2005 Reg. No. 227 4001, ENGLAND
Page 7
TRXQ1
RXQ1
FM NARROW BAND TRANSCEIVERS
TRXQ1 Operating Modes
The device is capable of operation in one of two modes, either broadcast or addressed. The following
description describes the features of these mode and assumes two TRXQ1 nodes ‘A’ and ‘B’. The RF600T
must be configured before power up for either the broadcast or addressed mode of operation by means of the
MODE pin. Note that for security, broadcast nodes will not receive data from addressed nodes
Broadcast mode.
This mode allows a host generated data block from node ‘A’ to be transmitted and received by any number of
other nodes. This data is received and verified (for correct Manchester coding and CRC) by the other nodes
before being output to their host devices. Alternately, in the same way the other nodes can send data to node
‘A’. Note that although any node can initiate a transfer, only one direction of transfer can be active at a given
time. Correct reception of a data packet is not acknowledged and the node hosts have the responsibility of
ensuring that data transfers occur as required by operating some form of message protocol over the half
duplex data link.
Addressed mode
This mode allows a host generated data block from node ‘A’ to be transmitted and for the data frame to be
addressed to one other network node – in this case we assume node ‘B’. When the data is received by node
‘B’ it is verified for correct Manchester coding, CRC and for address match and then an acknowledge
message is transmitted back to node ‘A’. Node ‘A’ then outputs a confirmation to the host in the form of the
ASCII character ‘C’ (Confirmed). Note that confirmation is given when the data block is stored in the buffer of
node ‘B’ and not when it has been delivered to the host at node ‘B’.
All message transfers are tagged with the addresses of both the origin and destination, thus ensuring secure
data transfer at all times. Either node ‘A’ or node ‘B’ can initiate a transfer but only one direction of transfer
can be active at a given time. In the event that the originating node does not get confirmation of receipt of the
data packet, the software re-tries the transfer five times after which node ‘A’ will output an error message to
the host in the form of the ASCII character ‘F’ (Failed).
Correct reception (or otherwise) of a data packet is thus acknowledged and the host devices are relieved of
most of the workload of ensuring that data transfers occur as required.
The RF600T must be configured before use for either the broadcast or addressed point to point mode of
operation and details of how this is carried out are given in the following section.
System Operation
Each RF600T is programmed at manufacture with a 24 bit serial number which uniquely identifies the device.
In an addressed point to point system, these serial numbers are used as the device address for the nodes in
the system and non-volatile eeprom memory in the device stores the address of the ‘other’ node in the system.
If, as at time of manufacture, no address has been stored in the device or if the address has been erased then
the device will only operate in the broadcast mode. If however an address has been stored then the device will
also be able to operate in the addressed point to point mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com