Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST80H100-Y Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPST80H100-Y
Description  Automotive 100 V, 80 A power Schottky trench diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST80H100-Y Datasheet(HTML) 5 Page - STMicroelectronics

  STPST80H100-Y Datasheet HTML 1Page - STMicroelectronics STPST80H100-Y Datasheet HTML 2Page - STMicroelectronics STPST80H100-Y Datasheet HTML 3Page - STMicroelectronics STPST80H100-Y Datasheet HTML 4Page - STMicroelectronics STPST80H100-Y Datasheet HTML 5Page - STMicroelectronics STPST80H100-Y Datasheet HTML 6Page - STMicroelectronics STPST80H100-Y Datasheet HTML 7Page - STMicroelectronics STPST80H100-Y Datasheet HTML 8Page - STMicroelectronics STPST80H100-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2
Package information
To meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions, and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
HU3PAK package information
•
Epoxy meets UL94, V0
Figure 9. HU3PAK package outline
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPST80H100-Y
Package information
DS14555 - Rev 2
page 5/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com