Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST80H100-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST80H100-Y
Description  Automotive 100 V, 80 A power Schottky trench diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST80H100-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STPST80H100-Y Datasheet HTML 1Page - STMicroelectronics STPST80H100-Y Datasheet HTML 2Page - STMicroelectronics STPST80H100-Y Datasheet HTML 3Page - STMicroelectronics STPST80H100-Y Datasheet HTML 4Page - STMicroelectronics STPST80H100-Y Datasheet HTML 5Page - STMicroelectronics STPST80H100-Y Datasheet HTML 6Page - STMicroelectronics STPST80H100-Y Datasheet HTML 7Page - STMicroelectronics STPST80H100-Y Datasheet HTML 8Page - STMicroelectronics STPST80H100-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
AEC-Q101 qualified
•
PPAP capable
•
None or negligible reverse recovery
•
VRRM guaranteed from -40 °C up to 175 °C
•
High junction temperature capability
•
Low forward voltage drop
•
Reduces conduction, reverse and switching losses
•
100% Avalanche tested in production
•
SMD with top side cooling package (HU3PAK)
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
Freewheeling function
•
LLC topology
•
Electrical vehicles (EV) and hybrid electrical (HEV) vehicles
Description
This 80 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface, optimizing the efficiency of the power
converters.
It has been designed for high frequency switched-mode power supply applications for
DC/DC converters used in electrical cars.
Packaged in HU3PAK, this 80 A, 100 V trench diode provides a high level of
performance in a flat and topside cooling package.
HU3PAK
A
K
K
A A
A A
A
NC
NC
A
A
A
A
Product label
Product status
STPST80H100-Y
Product summary
IF(AV)
80 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.66 V
Automotive 100 V, 80 A power Schottky trench diode
STPST80H100-Y
Datasheet
DS14555 - Rev 2 - October 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST80H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
572Kb / 9P
100 V - 8 A power Schottky trench rectifier
21-Jul-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
577Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
24-Jul-2023
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y_V01 Datasheet
577Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
24-Jul-2023
More results

Similar Description - STPST80H100-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS80170C-Y STMICROELECTRONICS-STPS80170C-Y Datasheet
218Kb / 9P
Automotive 170 V, 80 A power Schottky rectifier
20-Nov-2019
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST1H100-Y STMICROELECTRONICS-STPST1H100-Y Datasheet
447Kb / 12P
Automotive 100 V - 1 A power Schottky trench rectifier
16-Dec-2022
STPST2H100-Y STMICROELECTRONICS-STPST2H100-Y Datasheet
449Kb / 12P
Automotive 100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100-Y STMICROELECTRONICS-STPST5H100-Y Datasheet
592Kb / 12P
Automotive 100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100-Y STMICROELECTRONICS-STPST8H100-Y Datasheet
497Kb / 9P
Automotive 100 V - 8 A power Schottky trench rectifier
02-Jan-2023
STPST10H100 STMICROELECTRONICS-STPST10H100 Datasheet
344Kb / 8P
100 V - 10 A power Schottky trench diode
28-Jan-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com