Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST80H100-Y Datasheet(PDF) 7 Page - STMicroelectronics

Part # STPST80H100-Y
Description  Automotive 100 V, 80 A power Schottky trench diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST80H100-Y Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STPST80H100-Y Datasheet HTML 2Page - STMicroelectronics STPST80H100-Y Datasheet HTML 3Page - STMicroelectronics STPST80H100-Y Datasheet HTML 4Page - STMicroelectronics STPST80H100-Y Datasheet HTML 5Page - STMicroelectronics STPST80H100-Y Datasheet HTML 6Page - STMicroelectronics STPST80H100-Y Datasheet HTML 7Page - STMicroelectronics STPST80H100-Y Datasheet HTML 8Page - STMicroelectronics STPST80H100-Y Datasheet HTML 9Page - STMicroelectronics STPST80H100-Y Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 10. HU3PAK recommended footprint (dimensions are in mm)
3.00
1.50
19.00
Note:
For packing details you can see technical note TN1173: Packing information for IPAD, protection, rectifiers,
thyristors and AC Switches.
STPST80H100-Y
Package information
DS14555 - Rev 2
page 7/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com