Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM95 Datasheet(PDF) 65 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 65 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 61Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 62Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 63Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 64Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 65Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 66Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 67Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 68Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 69Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 121 page
background image
Page 65
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.12. Continuous Mode
4.2.12.1. General Description
As illustrated in Figure 29, in Continuous mode the NRZ data to (from) the (de)modulator is directly accessed by the uC on
the bidirectional DIO2/DATA pin. The FIFO and packet handler are thus inactive.
Tx/Rx
CONTROL
DIO0
DIO1/DCLK
DIO2/DATA
DIO3
DIO4
DIO5
Data
Rx
SYNC
RECOG.
SPI
NSS
SCK
MOSI
MISO
Figure 29. Continuous Mode Conceptual View
4.2.12.2. Tx Processing
In Tx mode, a synchronous data clock for an external uC is provided on DIO1/DCLK pin. Clock timing with respect to the
data is illustrated in Figure 30. DATA is internally sampled on the rising edge of DCLK so the uC can change logic state
anytime outside the grayed out setup/hold zone.
T_DATA
T_DATA
DATA
(NRZ)
DCLK
Figure 30. Tx Processing in Continuous Mode
Note
the use of DCLK is required when the modulation shaping is enabled (see section 3.4.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com