Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM95 Datasheet(PDF) 20 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 20 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 16Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 17Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 18Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 19Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 20Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 21Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 22Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 23Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 24Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 121 page
background image
Page 20
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http://www.hoperf.com
3. RFM95/96/97/98(W) Features
This section gives a high-level overview of the functionality of the RFM95/96/97/98(W) low-power, highly integrated
transceiver. The following figure shows a simplified block diagram of the RFM95/96/97/98(W).
Figure 3. RFM95/96/97/98(W) Block Schematic Diagram
RFM95/96/97/98(W) is a half-duplex, low-IF transceiver. Here the received RF signal is first amplified by the LNA. The
LNA inputs are single ended to minimise the external BoM and for ease of design. Following the LNA inputs, the
conversion to differential is made to improve the second order linearity and harmonic rejection. The signal is then down-
converted to in- phase and quadrature (I&Q) components at the intermediate frequency (IF) by the mixer stage. A pair of
sigma delta ADCs then perform data conversion, with all subsequent signal processing and demodulation performed in
the digital domain. The digital state machine also controls the automatic frequency correction (AFC), received signal
strength indicator (RSSI) and automatic gain control (AGC). It also features the higher-level packet and protocol level
functionality of the top level sequencer (TLS).
The frequency synthesisers generate the local oscillator (LO) frequency for both receiver and transmitter, one covering the
lower UHF bands (up to 525 MHz), and the other one covering the upper UHF bands (from 860 MHz). The PLLs are
optimized for user-transparent low lock time and fast auto-calibrating operation. In transmission, frequency modulation is
performed digitally within the PLL bandwidth. The PLL also features optional pre-filtering of the bit stream to improve
spectral purity.
RFM95/96/97/98(W) feature three distinct RF power amplifiers. Two of those, connected to RFO_LF and RFO_HF, can
deliver up to +14 dBm, are unregulated for high power efficiency and can be connected directly to their respective RF
receiver inputs via a pair of passive components to form a single antenna port high efficiency transceiver. The third PA,
connected to the PA_BOOST pin and can deliver up to +20 dBm via a dedicated matching network. Unlike the high
efficiency PAs, this high- stability PA covers all frequency bands that the frequency synthesizer addresses.
RFM95/96/97/98(W) also include two timing references, an RC oscillator and a 32 MHz crystal
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com