Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFM95 Datasheet(PDF) 33 Page - Shenzhen Hope Microelectronics Co., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPERF [Shenzhen Hope Microelectronics Co., Ltd.]
Direct Link  https://hoperf.com/
Logo HOPERF - Shenzhen Hope Microelectronics Co., Ltd.

RFM95 Datasheet(HTML) 33 Page - Shenzhen Hope Microelectronics Co., Ltd.

Back Button RFM95 Datasheet HTML 29Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 30Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 31Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 32Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 33Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 34Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 35Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 36Page - Shenzhen Hope Microelectronics Co., Ltd. RFM95 Datasheet HTML 37Page - Shenzhen Hope Microelectronics Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 121 page
background image
Page 33
RFM95/96/97/98(W)
Tel: +86-755-82973805 Fax: +86-755-82973550 E-mail: sales@hoperf.com http:// www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.1.5.
LoRaTM  Modem State Machine Sequences
The sequence for transmission and reception of data to and from the LoRaTM  modem, together with flow charts of typical
sequences of operation, are detailed below.
Data Transmission Sequence
In transmit mode power consumption is optimized by enabling RF, PLL and PA blocks only when packet data needs to be
transmitted. Figure 8 shows a typical LoRaTM transmit sequence.
Figure 8.
LoRaTM modulation transmission sequence.
Static configuration registers can only be accessed in Sleep mode, Stand-by mode or FSTX mode.
The LoRaTM FIFO can only be filled in Stand-by mode.
Data transmission is initiated by sending TX mode request.
Upon completion the TxDone interrupt is issued and the radio returns to Stand-by mode.
Following transmission the radio can be manually placed in Sleep mode or the FIFO refilled for a subsequent Tx
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com