Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4008B Datasheet(PDF) 7 Page - STMicroelectronics

Part # HCC4008B
Description  4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4008B Datasheet(HTML) 7 Page - STMicroelectronics

Back Button HCC4008B Datasheet HTML 3Page - STMicroelectronics HCC4008B Datasheet HTML 4Page - STMicroelectronics HCC4008B Datasheet HTML 5Page - STMicroelectronics HCC4008B Datasheet HTML 6Page - STMicroelectronics HCC4008B Datasheet HTML 7Page - STMicroelectronics HCC4008B Datasheet HTML 8Page - STMicroelectronics HCC4008B Datasheet HTML 9Page - STMicroelectronics HCC4008B Datasheet HTML 10Page - STMicroelectronics HCC4008B Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
Typical Dynamic Power Dissipation/Package vs.
Frequency.
TYPICAL APPLICATIONS
SPEED CHARACTERISTICS OF A 16-BIT ADDER.
Notes : All ”A” and ”B” input bits occur at t = 0.
All sums settled at t = 345ns.
CL= 50pF, Tamb =25
°C, VDD-VSS = 10V.
HCC/HCF4008B
7/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com