Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4008B Datasheet(PDF) 5 Page - STMicroelectronics

Part # HCC4008B
Description  4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4008B Datasheet(HTML) 5 Page - STMicroelectronics

  HCC4008B Datasheet HTML 1Page - STMicroelectronics HCC4008B Datasheet HTML 2Page - STMicroelectronics HCC4008B Datasheet HTML 3Page - STMicroelectronics HCC4008B Datasheet HTML 4Page - STMicroelectronics HCC4008B Datasheet HTML 5Page - STMicroelectronics HCC4008B Datasheet HTML 6Page - STMicroelectronics HCC4008B Datasheet HTML 7Page - STMicroelectronics HCC4008B Datasheet HTML 8Page - STMicroelectronics HCC4008B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
DYNAMIC ELECTRICAL CHARACTERISTICS (T amb =25 °C, CL = 50 pF, RL = 200 kΩ,
typical temperature coefficient for all VDD values is 0.3 %/°C, all input rise and fall times = 20 ns)
Val ue
Symbol
Parameter
Test Conditions
V DD (V) Min.
Typ.
Max.
Unit
t PLH,tPHL Propagation Delay
Time
Sum In to
Sum Out
5400
800
ns
10
160
320
15
115
230
Carry In to
Sum Out
5370
740
10
155
310
15
115
230
Sum In to
Carry Out
5200
400
10
90
180
15
65
130
Carry In to
Carry Out
5100
200
10
50
100
15
40
80
t THL ,tTLH Transition Time
5
100
200
ns
10
50
100
15
40
80
Minimum Output Low (sink) Current Charac-
teristics.
Typical Output Low (sink) Current.
HCC/HCF4008B
5/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com