Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCC4008B Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCC4008B
Description  4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCC4008B Datasheet(HTML) 1 Page - STMicroelectronics

  HCC4008B Datasheet HTML 1Page - STMicroelectronics HCC4008B Datasheet HTML 2Page - STMicroelectronics HCC4008B Datasheet HTML 3Page - STMicroelectronics HCC4008B Datasheet HTML 4Page - STMicroelectronics HCC4008B Datasheet HTML 5Page - STMicroelectronics HCC4008B Datasheet HTML 6Page - STMicroelectronics HCC4008B Datasheet HTML 7Page - STMicroelectronics HCC4008B Datasheet HTML 8Page - STMicroelectronics HCC4008B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
HCC/HCF4008B
4-BIT FULL ADDER WITH PARALLEL CARRY OUTPUT
DESCRIPTION
.
4 SUM OUTPUTS PLUS PARALLEL LOOK-
AHERD CARRY-OUTPUT
.
HIGH-SPEED OPERATION-SUM IN-TO-SUM
OUT 160ns (typ.) : CARRY IN-TO-CARRY OUT
50ns (typ.) AT VDD = 10V, CL = 50pF
.
QUIESCENT CURRENT SPECIFIED TO 20V
FOR HCC DEVICE
.
INPUT CURRENT OF 100nA AT 18V AND 25
°C
FOR HCC DEVICE
.
100% TESTED FOR QUIESCENT CURRENT
.
5V, 10V, AND 15V PARAMETRIC RATING
.
MEETS ALL REQUIREMENTS OF JEDEC TEN-
TATIVE STANDARD N
°13A, ”STANDARD SPE-
CIFICATIONS FOR DESCRIPTION OF ”B”
SERIES CMOS DEVICES”
June 1989
The HCC4008B (extended temperature range) and
HCF4008B (intermediate temperature range) are
monolithic integrated circuits, available in 16-lead
dual in-line plastic or ceramic package and plastic
micropackage.
The HCC/HCF4008B types consist of four full adder
stages with fast look ahead carry provision from
stage to stage. Circuitry is included to provide a fast
”parallel-carry-out” to permit high-speed operation
in arithmetic sections using several HCC/HCF
4008B’s.
HCC/HCF4008B inputs include the four sets of bits
to be added, A1 to A4 and B1 to B4, in addition to the
”Carry
In”
bit
from
a
previous
section.
HCC/HCF4008B outputs include the four sum bits,
S1 to S4. In addition to the high speed ”parallel-carry-
out” which may be utilized at a succeeding
HCC/HCF4008B section.
EY
(Plastic Package)
F
(Ceramic Frit Seal Package)
C1
(Plastic Chip Carrier)
ORDER CODES :
HCC4008BF
HCF4008BM1
HCF4008BEY
HCF4008BC1
PIN CONNECTIONS
M1
(Micro Package)
1/13


Similar Part No. - HCC4008B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4008B STMICROELECTRONICS-HCC4008B Datasheet
141Kb / 13P
RadHardened high voltage complementary MOS logic series
18-Oct-2006
HCC4008BD STMICROELECTRONICS-HCC4008BD Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
HCC4008BK STMICROELECTRONICS-HCC4008BK Datasheet
303Kb / 24P
Rad-hard high voltage CMOS logic series
10-Aug-2011
More results

Similar Description - HCC4008B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS283 MOTOROLA-SN54LS283 Datasheet
97Kb / 4P
4-BIT BINARY FULL ADDER WITH FAST CARRY
SN54LS83A MOTOROLA-SN54LS83A Datasheet
94Kb / 3P
4-BIT BINARY FULL ADDER WITH FAST CARRY
logo
National Semiconductor ...
54F283DM NSC-54F283DM Datasheet
184Kb / 10P
4-Bit Binary Full Adder with Fast Carry
logo
NXP Semiconductors
74HC583 PHILIPS-74HC583 Datasheet
70Kb / 13P
4-bit full adder with fast carry
1998 Mar 31
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283 Datasheet
66Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Hitachi Semiconductor
HD74AC283 HITACHI-HD74AC283 Datasheet
63Kb / 12P
4-bit Binary Full Adder with Fast Carry
logo
Intersil Corporation
CD4008BMS INTERSIL-CD4008BMS Datasheet
67Kb / 8P
CMOS 4-Bit Full Adder With Parallel Carry Out
November 1994
logo
NXP Semiconductors
74HC283N PHILIPS-74HC283N Datasheet
111Kb / 20P
4-bit binary full adder with fast carry
Rev. 03-11 November 2004
logo
Fairchild Semiconductor
74F283 FAIRCHILD-74F283_04 Datasheet
74Kb / 6P
4-Bit Binary Full Adder with Fast Carry
logo
Renesas Technology Corp
HD74HC83 RENESAS-HD74HC83 Datasheet
102Kb / 7P
4-bit Binary Full Adder (with Fast Carry)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com