Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS3A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RS3A
Description  SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS3A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RS3A Datasheet HTML 1Page - HY ELECTRONIC CORP. RS3A Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
●
Fast switching for high efficiency
●
Low cost
●
Diffused junction
●
Low reverse leakage current
●
Low forward voltage drop
●
High current capability
●
The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●
Case: Molded Plastic
●
Polarity:Color band denotes cathode
●
Weight: 0.007 ounces,0.21 grams
●
Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
RS3A
RS3B
RS3D
RS3G
RS3J
RS3K
RS3M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=50 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 3.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
Trr
250
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃
/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
μA
IFSM
A
150
IR
I(AV)
3.0
A
40
65
150
500
1.3
5.0
100
15
~ 82 ~
-55 to +150
-55 to +150
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
RS3A thru RS3M
REVERSE VOLTAGE - 50 to 1000 Volts
FORWARD CURRENT - 3.0 Amperes
SURFACE MOUNT FAST RECOVERY
GLASS PASSIVATED RECTIFIERS
.108(2.75)
.128(3.25)
.245(6.22)
.220(5.59)
.280(7.11)
.260(6.60)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.320(8.13)
.305(7.75)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)
SMC


Similar Part No. - RS3A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3A SSE-RS3A Datasheet
17Kb / 1P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER
DS15005 Rev. E-2
logo
Fuji Electric
RS3A FUJI-RS3A Datasheet
718Kb / 1P
3 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS3A GE-RS3A Datasheet
75Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS3A DIODES-RS3A Datasheet
400Kb / 3P
3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15005 Rev. 8 - 2
More results

Similar Description - RS3A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
RS1A HY-RS1A Datasheet
35Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS2A HY-RS2A Datasheet
39Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A Datasheet
168Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com