Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15NET2LX Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15NET2LX
Description  1.4kW Single-Phase Switched PDU, LX Platform Interface, 120V Outlets (8 5-15R), NEMA 5-15P, 12 ft. Cord, 1U Rack, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15NET2LX Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PDUMH15NET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Specifications
Features
Distributes, Monitors and Manages Network-Grade AC Power1.4kW 120V switched PDU with single-
phase inputRecommended for network applications requiring individual outlet control, load shedding and
remote monitoring of critical network componentsNEMA 5-15P plug with 12 ft. cord connects to
compatible AC power sourceFirmware upgrades support future product enhancementsDigital ammeter
reports total PDU load in real time
8 Switched NEMA 5-15R Outlets Distribute AC PowerIndividual outlets can be remotely controlled to
power up, power down, reboot or lock out devicesCord retention bracket prevents cables from becoming
accidentally disconnectedIndividual LEDs indicate which outlets are live
Built-In LX Platform InterfaceAllows full remote access for power monitoring with email notifications via
secure web browser, SNMP, telnet or SSHSupports 10/100 Mbps auto-sensing for communication with an
Ethernet networkOptional EnviroSense2 modules (sold separately) provide a variety of environmental
monitoring capabilitiesNo Java required
Broad Communications CompatibilitySupports IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2,
SNMPv3, telnet, SSH, FTP, DHCP and NTPSupports automatic and manual assignment of IP address
Essential Safety FeaturesImmediate alert notifications via email or SNMP trapsSupports user-specified
alarm notification thresholdsReal-time clock backup maintains day/date even if PDU is unpowered
Reduce Service Calls with Auto Probe Autonomous Device ManagementAuto Probe feature
(Firmware 15.5.2 and greater) checks the connectivity statusof any networked device and automatically
takes one or more user-configuredactions if the device fails to respond; actions include outlet reboot, set
SNMPtraps, SNMP OID sets, and even script execution when used in conjunction withthe Tripp Lite
PowerAlert Network Shutdown Agent (PANSA).
Flexible Mounting OptionsIncluded rack-mounting brackets compatible with front- or rear-facing
installationCompatible with 1U horizontal, 0U vertical, wall and under-counter mounting with included
brackets and user-supplied screws
TAA-CompliantCompliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
OVERVIEW
UPC Code
037332203274
PDU Type
Switched
OUTPUT
Frequency Compatibility
50 / 60 Hz
Output Capacity Details
1.52kW (127V), 1.44kW (120V), 1.2kW (100V) / 15A total capacity (Agency de-rated to 12A); 12A max per outlet
Output Receptacles
(8) 5-15R
Output Nominal Voltage
100; 120; 127
Overload Protection
n/a
Customized Load Management
Receptacles
8 individually switched output receptacles
INPUT
PDU Input Voltage
100; 120; 127
Recommended Electrical Service
15A 120V
Maximum Input Amps
15
Maximum Input Amps Details
Agency de-rated to 12A continuous
PDU Plug Type
NEMA 5-15P
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com