Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15NET2LX Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15NET2LX
Description  1.4kW Single-Phase Switched PDU, LX Platform Interface, 120V Outlets (8 5-15R), NEMA 5-15P, 12 ft. Cord, 1U Rack, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15NET2LX Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  PDUMH15NET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1.4kW Single-Phase Switched PDU, LX Platform
Interface, 120V Outlets (8 5-15R), NEMA 5-15P, 12
ft. Cord, 1U Rack, TAA
MODEL NUMBER: PDUMH15NET2LX
1.4kW single-phase PDU distributes, monitors and manages AC power in an IT environment. Built-in
Java-free network interface helps you remotely monitor load levels to prevent overloads that cause
downtime.
Description
The PDUMH15NET2LX 1.4kW Single-Phase Switched PDU provides advanced network control and
remote power monitoring with the ability to turn on, turn off, reboot or lock out power to each outlet. By
reducing the frequency of on-site visits, these advanced remote capabilities can save you money and
reduce downtime.
The 1U PDU features eight switched NEMA 5-15R outlets with an included cord retention bracket to
prevent cables from becoming accidentally disconnected. A 12-foot cord with NEMA 5-15P plug connects
the PDU to a compatible AC power source, generator or protected UPS.
The built-in Java-free HTML5-based LX Platform network interface enables full remote access for PDU
status monitoring and email notifications via secure web browser, SNMP, telnet or SSH. It supports
10/100 Mbps auto-sensing for optimum communication with an Ethernet network. Optional EnviroSense2
modules (sold separately) provide a variety of environmental monitoring capabilities. Protocols supported
include IPv4, IPv6, HTTP, HTTPS, SMTP, SNMPv1, SNMPv2, SNMPv3, telnet, SSH, FTP, DHCP and
NTP.
A digital ammeter allows you to monitor the total load in real time to ensure it remains well below
maximum capacity with no danger of overload. The rack-mount PDU installs in 1U of space in EIA-
standard 19-inch racks. You can also mount it vertically in 0U of rack space or on a wall or under a
counter with the included brackets and user-supplied screws.
Highlights
1.4kW 120V single-phase
switched 1U PDU
q
8 individually controllable NEMA
5-15R outlets
q
Built-in Java-free LX Platform
interface for remote access 24/7
q
Digital ammeter for on-site load
monitoring in real time
q
NEMA 5-15P input with 12 ft.
AC power cord
q
To enable the Auto Probe
feature, this product requires LX
firmware update 15.5.2 or later
to be installed
q
Package Includes
PDUMH15NET2LX 1.4kW
Single-Phase Switched PDU
q
Built-in LX Platform interface
q
Configuration cable
q
(8) Cable ties
q
Cord retention bracket
q
Mounting hardware
q
Owner’s manual
q
1 / 4


Similar Part No. - PDUMH15NET2LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
More results

Similar Description - PDUMH15NET2LX

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDUMH15 ETC2-PDUMH15 Datasheet
486Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 13 NEMA 5-15R outlets NEMA 5-15P input, 15ft / 4.5m cord
PDUMH15NET ETC2-PDUMH15NET Datasheet
115Kb / 4P
Single-Phase Switched PDU, 1.4kW 15A 120V, 1U Horizontal Rackmount, 16 NEMA 5-15R outlets, NEMA 5-15P input plug
PDUMV15 ETC2-PDUMV15 Datasheet
479Kb / 5P
Single-Phase Metered PDU, 1.4kW 15A 120V, 0U Vertical Rackmount, 16 NEMA 5-15R outlets, NEMA
logo
Tripp Lite. All Rights ...
PDU1215 TRIPPLITE-PDU1215_15 Datasheet
478Kb / 3P
1.8kW Single-Phase Basic PDU, 120V Outlets (135-15R), 5-15P, 15ft Cord, 1U Rack-Mount
PDUMV15NETLX TRIPPLITE-PDUMV15NETLX Datasheet
177Kb / 4P
1.4kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (16 5-15R), 10 ft. Cord with 5-15P, 0U, TAA
PDUMV15-24 TRIPPLITE-PDUMV15-24 Datasheet
160Kb / 3P
1.4kW Single-Phase Metered PDU, 120V Outlets (8 5-15R), 5-15P, 15 ft. (4.57 m) Cord, 0U Vertical, 24 in.
PDUMH20NET2 TRIPPLITE-PDUMH20NET2 Datasheet
163Kb / 4P
1.9kW Single-Phase Switched PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12ft Cord, 1U Rack-Mount, TAA
PDUMH20NET2LX TRIPPLITE-PDUMH20NET2LX Datasheet
162Kb / 4P
1.9kW Single-Phase Switched PDU, LX Interface, 120V Outlets (8 5-15/20R), NEMA L5-20P/5-20P input, 12 ft. (3.66 m) Cord, 1U Rack, TAA
PDUMNH20 TRIPPLITE-PDUMNH20 Datasheet
157Kb / 3P
1.9kW Single-Phase Monitored PDU, 120V Outlets (8 5-15/20R), L5-20P/5-20P Adapter, 12 ft. (3.66 m) Cord, 1U Rack-Mount, LX Platform Interface, TAA
PDUMV30NETLX TRIPPLITE-PDUMV30NETLX Datasheet
184Kb / 4P
2.9kW Single-Phase Switched PDU with LX Platform Interface, 120V Outlets (24 5-15/20R), 10 ft. Cord with L5-30P, 0U, TAA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com