Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDUMH15NET2LX Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # PDUMH15NET2LX
Description  1.4kW Single-Phase Switched PDU, LX Platform Interface, 120V Outlets (8 5-15R), NEMA 5-15P, 12 ft. Cord, 1U Rack, TAA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PDUMH15NET2LX Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  PDUMH15NET2LX Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 3Page - Tripp Lite. All Rights Reserved PDUMH15NET2LX Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Input Phase
Single-Phase
Input Cord Length (ft.)
12
Input Cord Length (m)
3.66
USER INTERFACE, ALERTS & CONTROLS
Front Panel LCD Display
Digital display reports total PDU output current in amps
Front Panel LEDs
8 LEDs display power on-off status for each output receptacle. Ethernet Link and Status LED's for network activity.
System status LED for monitoring system operation.
Switches
Recessed reset button for rebooting SNMP management card without affecting AC output to connected equipment
PHYSICAL
Minimum Required Rack Depth
(inches)
7.3
Minimum Required Rack Depth (cm)
18.54
Shipping Dimensions (hwd / in.)
0.00 x 0.00 x 0.00
Shipping Dimensions (hwd / cm)
0.00 x 0.00 x 0.00
Shipping Weight (lbs.)
0.00
Shipping Weight (kg)
0.00
Unit Dimensions (hwd / in.)
1.75 x 17.5 x 4.25
Unit Dimensions (hwd / cm)
4.44 x 44.4 x 10.8
Unit Weight (lbs.)
5.2
Unit Weight (kg)
2.36
Material of Construction
Metal
Form Factors Supported
1U rackmount
PDU Form Factor
Horizontal (1U)
ENVIRONMENTAL
Storage Temperature Range
5 to 122F (-15 to 50C)
Relative Humidity
5 to 95% (non-condensing)
Operating Elevation (ft.)
0-10,000
Operating Elevation (m)
0-3000
COMMUNICATIONS
SNMP Compatibility
Pre-installed LX platform interface provides remote monitoring via Java-free HTML5 web interface, telnet, SSH and
SNMP management systems
SPECIAL FEATURES
TVSS Grounding
Rear panel grounding lug
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com