Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3924 Datasheet(PDF) 39 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 39 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 35Page - Monolithic Power Systems MP3924 Datasheet HTML 36Page - Monolithic Power Systems MP3924 Datasheet HTML 37Page - Monolithic Power Systems MP3924 Datasheet HTML 38Page - Monolithic Power Systems MP3924 Datasheet HTML 39Page - Monolithic Power Systems MP3924 Datasheet HTML 40Page - Monolithic Power Systems MP3924 Datasheet HTML 41Page - Monolithic Power Systems MP3924 Datasheet HTML 42Page - Monolithic Power Systems MP3924 Datasheet HTML 43Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
39
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
ICUT4_THRESHOLD (16h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:3]
RESERVED
-
Reserved.
D[2:0]
ICUT4
000
Sets port
4’s over-current (OC) threshold. The default value is 000. In automatic
mode, the bits are set to 000 for Class 0~3 results, 100 for Class 4 results, and
101 for Class 5 results. In semi-automatic mode or manual mode, the bits do not
change unless changes are made via the I2C.
000 = 93.75mV (375mA with RSENSE
= 0.25Ω)
001 = 27.5mV (110mA with RSENSE
= 0.25Ω)
010 = 47mV (188mA with RSENSE
= 0.25Ω)
011 = 93.75mV (375mA with RSENSE
= 0.25Ω)
100 = 162.5mV (650mA with RSENSE
= 0.25Ω)
101 = 230mV (920mA with RSENSE
= 0.25Ω)
110 = 125mV (500mA with RSENSE
= 0.25Ω)
111 = 156.25mV (625mA with RSENSE
= 0.25Ω)
ILIM1_THRESHOLD (17h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:1]
RESERVED
-
Reserved.
D[0]
ILIM1
0
Sets port 1
’s over-current (OC) limit. The default value is 0. In automatic mode, the
bits are set to 0 for Class 0~3, and set to 1 for Class 4 or Class 5 results. In semi-
automatic mode and manual mode, the bits do not change unless changes are
made via the I2C.
0: 106.25mV (425mA if RSENSE
= 0.25Ω)
1: 212.5mV. The current limit is 265mV under Class 5 conditions
ILIM2_THRESHOLD (18h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:1]
RESERVED
-
Reserved.
D[0]
ILIM2
0
Sets port
2’s over-current (OC) limit. The default value is 0. In automatic mode, the
bits are set to 0 for Class 0~3, and set to 1 for Class 4 or Class 5 results. In semi-
automatic mode and manual mode, the bits do not change unless changes are
made via the I2C.
0: 106.25mV (425mA if RSENSE
= 0.25Ω)
1: 212.5mV. The current limit is 265mV under Class 5 conditions
ILIM3_THRESHOLD (19h)
Read/write
Bits
Bit Name
Default Value
Description
D[7:1]
RESERVED
-
Reserved.
D[0]
ILIM3
0
Sets port
3’s over-current (OC) limit. The default value is 0. In automatic mode, the
bits are set to 0 for Class 0~3, and set to 1 for Class 4 or Class 5 results. In semi-
automatic mode and manual mode, the bits do not change unless changes are
made via the I2C.
0: 106.25mV (425mA if RSENSE
= 0.25Ω)
1: 212.5mV. The current limit is 265mV under Class 5 conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com