Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3924 Datasheet(PDF) 13 Page - Monolithic Power Systems

Part # MP3924
Description  Quad-Port, IEEE 802.3af/at PSE Controller for Power over Ethernet
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3924 Datasheet(HTML) 13 Page - Monolithic Power Systems

Back Button MP3924 Datasheet HTML 9Page - Monolithic Power Systems MP3924 Datasheet HTML 10Page - Monolithic Power Systems MP3924 Datasheet HTML 11Page - Monolithic Power Systems MP3924 Datasheet HTML 12Page - Monolithic Power Systems MP3924 Datasheet HTML 13Page - Monolithic Power Systems MP3924 Datasheet HTML 14Page - Monolithic Power Systems MP3924 Datasheet HTML 15Page - Monolithic Power Systems MP3924 Datasheet HTML 16Page - Monolithic Power Systems MP3924 Datasheet HTML 17Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
MP3924
– QUAD-PORT IEEE 802.3AF/AT PSE CONTROLLER
MP3924 Rev. 1.0
MonolithicPower.com
13
7/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL CHARACTERISTICS (continued)
VIN = 54V, TA = 25°C, unless otherwise noted.
0
0.5
1
1.5
2
2.5
-50
0
50
100
150
JUNCTION TEMPERATURE (
℃)
EN UVLO vs. Junction
Temperature
Rising
Falling
2
2.1
2.2
2.3
2.4
2.5
2.6
-50
0
50
100
150
JUNCTION TEMPERATURE (
℃)
VCC UVLO vs. Junction
Temperature
Rising
Falling
2.7
2.8
2.9
3
3.1
3.2
3.3
3.4
-50
0
50
100
150
JUNCTION TEMPERATURE ( C)
VCC Voltage vs. Junction
Temperature
VCC load = 15mA
0
2
4
6
8
10
-50
0
50
100
150
JUNCTION TEMPERATURE (
℃)
Detection Voltage vs. Junction
Temperature
Second Detection
First Detection
0
5
10
15
20
25
30
35
-50
0
50
100
150
JUNCTION TEMPERATURE (
℃)
Valid Detection Resistance vs.
Junction Temperature
Maximum Resistance
Minmum Resistance
10
12
14
16
18
20
-50
0
50
100
150
JUNCTION TEMPERATURE (
℃)
Class Voltage vs. Junction
Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com