Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P1-32/V/SVB Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P1-32/V/SVB
Description  Main switch, 3 pole, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, rear mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P1-32/V/SVB Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P1-32/V/SVB Datasheet HTML 1Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 2Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 3Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 4Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 5Page - Eaton All Rights Reserved. P1-32/V/SVB Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET - P1-32/V/SVB
Main switch, 3 pole, 32 A, Emergency-Stop function, Lockable in the 0
(Off) position, rear mounting
Part no. 
P1-32/V/SVB
Catalog No. 
095676
 
EL-Nummer
(Norway) 
0001456116
Delivery program
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P1
Stop Function
 
 
Emergency switching off function
 
 
 
With red rotary handle and yellow locking ring
Information about equipment supplied
 
 
Auxiliary contact or neutral conductor fitted by user.
Number of poles
 
 
3 pole
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
Front IP65
Design
 
 
rear mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor rating AC-23A, 50 - 60 Hz
 
 
 
400 V
P
kW
15
Rated uninterrupted current
Iu
A
32
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Technical data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
NEMA12
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
Overvoltage category/pollution degree
 
 
III/3
02/18/2019
Eaton 095676 ED2019 V52.0 EN
1 / 6


Similar Part No. - P1-32/V/SVB

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P1-32/EA/SVB EATON-P1-32/EA/SVB Datasheet
306Kb / 4P
Main�switchFlush�mounting
02/17/2014
P1-32/EA/SVB-SW EATON-P1-32/EA/SVB-SW Datasheet
373Kb / 6P
Main switch, P1, 32 A, flush mounting, 3 pole, STOP function, With black rotary handle and locking ring, Lockable in the 0 (Off) position
06/29/2020
P1-32/EA/SVB/N EATON-P1-32/EA/SVB/N Datasheet
334Kb / 6P
Main switch, 3 pole N, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/18/2016
P1-32/I2/SVB EATON-P1-32/I2/SVB Datasheet
321Kb / 6P
Main�switch,�housing,�3p,�32A,�handle�red�yellow,�lockable
02/26/2015
P1-32/I2/SVB/N EATON-P1-32/I2/SVB/N Datasheet
331Kb / 6P
Main switch, 3 pole N, 32 A, Emergency-Stop function, Lockable in the 0 (Off) position, surface mounting
03/18/2016
More results

Similar Description - P1-32/V/SVB

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
VCF1 SCHNEIDER-VCF1 Datasheet
185Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jul 12, 2021
VCCD1 SCHNEIDER-VCCD1 Datasheet
96Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jul 12, 2021
9001SKR9P1LRRH13 SCHNEIDER-9001SKR9P1LRRH13 Datasheet
71Kb / 1P
SWITCH EMERGENCY STOP
Jan 13, 2022
K30C003AP SCHNEIDER-K30C003AP Datasheet
192Kb / 10P
cam switch - 3-pole - 60째 - 32 A - screw mounting
Feb 3, 2022
K30C003HP SCHNEIDER-K30C003HP Datasheet
190Kb / 10P
cam switch - 3-pole - 90째 - 32 A - screw mounting
Feb 3, 2022
VCCD1 SCHNEIDER-VCCD1_V01 Datasheet
110Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jun 13, 2022
VCD1 SCHNEIDER-VCD1 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VCF1 SCHNEIDER-VCF1_V01 Datasheet
198Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - on door
Jun 13, 2022
VVE1 SCHNEIDER-VVE1_V01 Datasheet
149Kb / 3P
TeSys Vario - emergency stop switch disconnector - 32 A - back of enclosure
Jun 13, 2022
logo
Eaton All Rights Reserv...
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com